Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 134 Page - Texas Instruments

Back Button DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments DM385 Datasheet HTML 136Page - Texas Instruments DM385 Datasheet HTML 137Page - Texas Instruments DM385 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 280 page
background image
POR
CVDD
CVDD_x
3.3 V Supplies
(DVDD, DVDD_x, VDDA_x_3P3)
1.8 V Supplies
(DVDD, DVDD_x, VDDA_x_1P8,
VDDA_1P8)
1
4
3
1.35 V/1.5 V/1.8 V DVDD_DDR[0]
2
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Both 1.8 V and DVDD_DDR[x] supplies must be powered up and stable prior to starting the ramp of the 3.3 V
supplies.
CVDD powered-up coincidently or prior to CVDD_ARM and CVDD_HDVICP supplies.
Figure 7-1. Power-Up Sequence
7.2.8.2
Power-Down Sequence
For proper device operation, the following power-down sequence in Table 7-6, Figure 7-2, Figure 7-3, and
Figure 7-4 must be followed.
Table 7-6. Power-Down Sequence Ramping Values
NO.
DESCRIPTION
MIN
MAX
UNIT
5
CVDD, CVDD_x variable supplies to 1.8 V supplies
0
ms
6
1.35-/1.5-/1.8-V DVDD_DDR[x] supplies to 1.8 V supplies
0
ms
7
3.3 V supplies to 1.8 V supplies
(1)
(1)
ms
8
CVDD_x supplies to CVDD supply
(2)
(2)
ms
(1)
The 3.3 V supplies must never be more than 2 V above the 1.8 V supplies (see Figure 7-3).
(2)
The CVDD supply must be powered down coincidentally or after CVDD_ARM and CVDD_HDVICP supplies (see Figure 7-4).
134
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com