Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 136 Page - Texas Instruments

Back Button DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments DM385 Datasheet HTML 136Page - Texas Instruments DM385 Datasheet HTML 137Page - Texas Instruments DM385 Datasheet HTML 138Page - Texas Instruments DM385 Datasheet HTML 139Page - Texas Instruments DM385 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
7.2.9.2
Digital
Recommended capacitors for power supply decoupling are all 0.1uF in the smallest body size that can be
used. Capacitors are more effective in the smallest physical size to limit lead inductance. For example,
0201 sized capacitors are better than 0402 sized capacitors, and so on. TI recommends using capacitors
no larger than 0402. Place at least one capacitor for every two power pins. For those power pins that have
only one pin, a capacitor is still required. Place one bulk (10 uF or larger) capacitor for every 10 or so
power pins as closely as possible to the chip. These larger caps do not need to be under the chip
footprint.
Pay special attention not to put so much capacitance on the supply that it slows the start-up voltage ramp
enough to change the power sequencing order. Also be sure to verify that the main chip reset is low until
after all supplies are at their correct voltage and stable.
DDR peripheral related supply capacitor numbers are provided in Section 8.13, DDR2/DDR3/DDR3L
Memory Controller.
136
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com