Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 143 Page - Texas Instruments

Back Button DM385 Datasheet HTML 139Page - Texas Instruments DM385 Datasheet HTML 140Page - Texas Instruments DM385 Datasheet HTML 141Page - Texas Instruments DM385 Datasheet HTML 142Page - Texas Instruments DM385 Datasheet HTML 143Page - Texas Instruments DM385 Datasheet HTML 144Page - Texas Instruments DM385 Datasheet HTML 145Page - Texas Instruments DM385 Datasheet HTML 146Page - Texas Instruments DM385 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 280 page
background image
RESET STATE
DEV_CLKIN/
AUX_CLKIN
(A)
POR
RESET
BTMODE[15:0]
Other I/O Pins
(C)
Power
Supplies
Ramping
Power Supplies Stable
Clock Source Stable
2
3
5
Config
5
Hi-Z
7
RSTOUT_WD_OUT
9
BTMODE[11]
(B)
1
Hi-Z
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Figure 7-5 shows the Power-Up Timing. Figure 7-6 shows the Warm Reset (RESET) Timing. Max Reset
Timing is identical to Warm Reset Timing, except the BTMODE[15:0] pins are not re-latched.
A.
Power supplies and DEV_CLKIN/AUX_CLKIN must be stable before the start of tw(RESET).
B.
RSTOUT_WD_OUT only asserted if BTMODE[11] was latched as a "0" when coming out of reset.
C.
For more detailed information on the RESET STATE of each pin, see Section 7.3.17, Pin Behaviors at Reset. Also
see , Terminal Functions for the IPU/IPD settings during reset.
Figure 7-5. Power-Up Timing
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
143
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com