Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 147 Page - Texas Instruments

Back Button DM385 Datasheet HTML 143Page - Texas Instruments DM385 Datasheet HTML 144Page - Texas Instruments DM385 Datasheet HTML 145Page - Texas Instruments DM385 Datasheet HTML 146Page - Texas Instruments DM385 Datasheet HTML 147Page - Texas Instruments DM385 Datasheet HTML 148Page - Texas Instruments DM385 Datasheet HTML 149Page - Texas Instruments DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
7.4.1
Device (DEV) and Auxiliary (AUX) Clock Inputs
The
device
provides
two
clock
inputs,
Device
(DEVOSC_MXI/DEV_CLKIN)
and
Auxiliary
(AUXOSC_MXI/AUX_CLKIN). The Device (DEV) clock is used to generate the majority of the internal
reference clocks, while the Auxiliary (AUX) clock can optionally be used as a source for the Audio and/or
Video PLLs.
The DEV and AUX clocks can be sourced in two ways:
1. Using an external crystal in conjunction with the internal oscillator or
2. Using an external 1.8-V LVCMOS-compatible clock input
Note: The external crystals used with the internal oscillators must operate in fundamental parallel
resonant mode only. There is no overtone support.
The DEV Clock should in most cases be 20 MHz. However, it can optionally range anywhere from 20 - 30
MHz if the following are true:
•
A precise 32768-Hz clock is not needed for Real-Time Clock functionality
•
If the boot mode is FAST XIP
The AUX Clock is optional and can range from 20-30 MHz. It can be used to source the Audio and/or
Video PLLs when a very precise audio or video frequency is required.
7.4.1.1
Using the Internal Oscillators
When the internal oscillators are used to generate the DEV and AUX clocks, external crystals are required
to be connected across the DEVOSC or AUXOSC oscillator MXI and MXO pins, along with two load
capacitors (see Figure 7-8 and Figure 7-9). The external crystal load capacitors should also be connected
to the associated oscillator ground pin (VSSA_DEVOSC or VSSA_AUXOSC). The capacitors should not
be connected to board ground (VSS).
Figure 7-8. Device Oscillator
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
147
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com