Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 149 Page - Texas Instruments

Back Button DM385 Datasheet HTML 145Page - Texas Instruments DM385 Datasheet HTML 146Page - Texas Instruments DM385 Datasheet HTML 147Page - Texas Instruments DM385 Datasheet HTML 148Page - Texas Instruments DM385 Datasheet HTML 149Page - Texas Instruments DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments DM385 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 280 page
background image
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
NC
VSSA_AUXOSC
DEVOSC_MXI/
DEV_CLKIN
DEVOSC_MXO
NC
VSSA_DEVOSC
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Figure 7-10. 1.8-V LVCMOS-Compatible Clock Input (DEV_OSC)
Figure 7-11. 1.8-V LVCMOS-Compatible Clock Input (AUX_OSC)
The clock source must meet the DEVOSC_MXI/DEV_CLKIN timing requirements shown in Table 7-14,
Timing Requirements for DEVOSC_MXI/DEV_CLKIN.
The clock source must meet the AUXOSC_MXI/AUX_CLKIN timing requirements shown in Table 7-15,
Timing Requirements for AUXOSC_MXI/AUX_CLKIN.
7.4.2
SERDES_CLKN/P Input Clock
A high-quality, low-jitter differential clock source is required for the PCIE PHY. The clock is required to be
AC coupled to the device's SERDES_CLKP and SERDES_CLKN pins according to the specifications in
Table 7-12. Both the clock source and the coupling capacitors should be placed physically as close to the
processor as possible. In addition, make sure to follow any PCB routing and termination recommendations
that the clock source manufacturer recommends.
Table 7-12. SERDES_CLKN/P AC Coupling Capacitors Recommendations
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor value
0.25
0.27
4.0
nF
SERDES_CLKN/P AC coupling capacitor package size(1)(2)
0402
0603
EIA
(1)
L x W, 10 Mil units, that is, a 0402 is a 40 x 20 Mil surface mount capacitor.
(2)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair placed side-by-side.
The value of this capacitor depends on several factors including differential input clock swing. For a
100MHz differential clock with an approximate 1V voltage swing, the recommended typical value for the
SerDes Clock AC Coupling Capacitors is 270pF.
Deviating from this recommendation can result in the reduction of clock signal amplitude or lowering the
noise rejection characteristics.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
149
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com