Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 150 Page - Texas Instruments

Back Button DM385 Datasheet HTML 146Page - Texas Instruments DM385 Datasheet HTML 147Page - Texas Instruments DM385 Datasheet HTML 148Page - Texas Instruments DM385 Datasheet HTML 149Page - Texas Instruments DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments DM385 Datasheet HTML 153Page - Texas Instruments DM385 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
The differential clock source is required to meet the REFCLK AC Specifications outlined in the PCI
EXPRESS CARD ELECTROMECHANICAL SPECIFICATION, REV. 2.0, at the input to the AC coupling
capacitors.
In addition, LVDS clock sources that are compliant to the above specification, but with the following
exceptions, are also acceptable:
Table 7-13. Acceptable Exceptions to the REFCLK AC Specifications for LVDS Clock Sources
PARAMETER
MIN
MAX
UNIT
VIH
Differential High-Level Input Voltage
125
1000
mV
VIL
Differential Low-Level Input Voltage
-1000
-125
mV
7.4.3
CLKIN32 Input Clock
An external 32768-Hz clock input can optionally be provided at the CLKIN32 pin to serve as a reference
clock in place of the RTCDIVIDER clock for the following Modules:
•
RTC
•
GPIO0/1/2/3
•
TIMER1/2/3/4/5/6/7
•
ARM Cortex-A8
•
SYNCTIMER
The CLKIN32 source must meet the timing requirements shown in Table 7-16.
7.4.4
Output Clocks Select Logic
The device includes two selectable general-purpose clock outputs (CLKOUT0 and CLKOUT1). The source
for these output clocks is controlled by the CLKOUT_MUX register in the Control Module (see Figure 7-
12).
150
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com