Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 153 Page - Texas Instruments

Back Button DM385 Datasheet HTML 149Page - Texas Instruments DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments DM385 Datasheet HTML 153Page - Texas Instruments DM385 Datasheet HTML 154Page - Texas Instruments DM385 Datasheet HTML 155Page - Texas Instruments DM385 Datasheet HTML 156Page - Texas Instruments DM385 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 280 page
background image
CLKOUTx
(Divide-by-1)
1
2
4
4
3
CLKIN32
2
3
4
4
5
1
1
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 7-16. Timing Requirements for CLKIN32 (1)(2) (see Figure 7-15)
OPP100
NO.
UNIT
MIN
NOM
MAX
1
tc(CLKIN32)
Cycle time, CLKIN32
1/32768
s
2
tw(CLKIN32H)
Pulse duration, CLKIN32 high
0.45C
0.55C
ns
3
tw(CKIN32L)
Pulse duration, CLKIN32 low
0.45C
0.55C
ns
4
tt(CLKIN32)
Transition time, CLKIN32
7
ns
5
tJ(CLKIN32)
Period jitter, CLKIN32
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = CLKIN32 cycle time in ns. For example, when CLKIN32 frequency is 32768 Hz, use C = 1/32768 s.
Figure 7-15. CLKIN32 Timing
Table 7-17. Switching Characteristics Over Recommended Operating Conditions for CLKOUTx (CLKOUT0
and CLKOUT1)(1) (2)
(see Figure 7-16)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLKOUTx)
Cycle time, CLKOUTx
5
ns
2
tw(CLKOUTxH)
Pulse duration, CLKOUTx high
0.45P
0.55P
ns
3
tw(CLKOUTxL)
Pulse duration, CLKOUTx low
0.45P
0.55P
ns
4
tt(CLKOUTx)
Transition time, CLKOUTx
0.05P
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/CLKOUTx clock frequency in nanoseconds (ns). For example, when CLKOUTx frequency is 200 MHz, use P = 5 ns.
Figure 7-16. CLKOUTx Timing
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
153
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com