Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 155 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 155 Page - Texas Instruments

Back Button DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments DM385 Datasheet HTML 153Page - Texas Instruments DM385 Datasheet HTML 154Page - Texas Instruments DM385 Datasheet HTML 155Page - Texas Instruments DM385 Datasheet HTML 156Page - Texas Instruments DM385 Datasheet HTML 157Page - Texas Instruments DM385 Datasheet HTML 158Page - Texas Instruments DM385 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 7-19. Top-Level PLL Multiplier and Divider Limits (continued)
PARAMETER
MIN
MAX
PLL Multiplier (M)
2
4095(1)
M2 Post Divider
1
127
N2 Bypass Divider
0
15
(1)
The PLL Multiplier supports fractional values (up to 18-bits of fraction) except when the PLL Multiplier is > 4093.
Table 7-20. PLL_ARM Multiplier and Divider Limits
PARAMETER
MIN
MAX
N Pre-Divider
0
127
PLL Multiplier (M)(1)
2
2047(2)
M2 Post Divider
1
31
N2 Bypass Divider
0
15
(1)
This parameter describes the limits on the programmable multiplier value M. The multiplication factor for the PLL_ARM is equal to 2 * M
(also see Figure 7-18).
(2)
The PLL Multiplier supports fractional values (up to 18-bits of fraction) except when the PLL Multiplier is < 20 OR > 2045.
7.4.6.3
PLL Frequency Limits
Each PLL supports a minimum and maximum operating frequency for its REFCLK, CKLDCO, and
CLKOUT values. The PLLs must be configured not to exceed any of the constraints placed on these
values shown in Table 7-21 through Table 7-23. Care must be taken to stay within these limits when
selecting external clock input frequencies, internal divider values, and PLL multiply ratios. In addition,
limits shown in these tables may be further restricted by the clock frequency limitations of the device
modules using these clocks. For more detailed information on the SYSCLK and Module Clock frequency
limits, see Section 7.4.7, SYSCLKs and Section 7.4.8, Module Clocks.
Table 7-21. Top-Level PLL Frequency Ranges (ALL OPPs)
CLOCK
MIN
MAX
UNIT
REFCLK
0.5
2.5
MHz
CLKDCO (HS1)(1)
1000
2000
MHz
CLKDCO (HS2)(2)
500
1000
MHz
CLKOUT
see Table 7-23
see Table 7-23
MHz
(1)
The PLL has two modes of operation: HS1 and HS2. The mode of operation should be set, according to the desired CLKDCO
frequency, by programming the SELFREQDCO field of the ADPLLLJx_CLKCTRL registers in the Control Module.
(2)
CLKDCO of the PLL_USB is used undivided by the USB modules; therefore, CLKDCO for the PLL_USB PLL must be programmed to
960 MHz for proper operation.
Table 7-22. ARM Cortex-A8 Embedded PLL (PLL_ARM) Frequency Ranges (ALL OPPs)
CLOCK
MIN
MAX
UNIT
REFCLK
0.032
52
MHz
DCOCLK
20
2000
MHz
CLKOUT
see Table 7-23
see Table 7-23
MHz
Table 7-23. PLL CLKOUT Frequency Ranges
OPP100
PLL
UNIT
MIN
MAX
PLL_ARM
10
600
MHz
PLL_HDVICP
10
266
MHz
PLL_L3L4
10
200
MHz
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
155
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com