Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 151 Page - Texas Instruments

Back Button DM385 Datasheet HTML 147Page - Texas Instruments DM385 Datasheet HTML 148Page - Texas Instruments DM385 Datasheet HTML 149Page - Texas Instruments DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments DM385 Datasheet HTML 153Page - Texas Instruments DM385 Datasheet HTML 154Page - Texas Instruments DM385 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 280 page
background image
DEVOSC_MXI/
DEV_CLKIN
2
3
4
4
5
1
1
CLKOUT_MUX
CLKOUT0
1000
ARM Cortex-A8 Functional Clock / 16
CLKOUT1
1011-1111
RESERVED
1010
RCOSC32K Output
0111
AUX Clock
0110
DEV Clock
0101
PLL_L3L4 Output
0100
PLL_MEDIACTL Output / 2
0011
PLL_HDVPSS Output / 2
0010
PCIE SERDES Observation Clock
0001
SERDES Observation Clock
0000
PRCM SYSCLK Output
1001
PLL_AUDIO
11
10
01
00
CLKIN32
PLL_VIDEO0
PLL_HDVICP
PLL_HDVPSS
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Figure 7-12. CLKOUTx Source Selection Logic
For detailed information on the CLKOUTx switching characteristics, see Table 7-17.
7.4.5
Input/Output Clocks Electrical Data/Timing
Note: If an external clock oscillator is used, a single clean power supply should be used to power both the
device and the external clock oscillator circuit.
Table 7-14. Timing Requirements for DEVOSC_MXI/DEV_CLKIN(1) (2) (3)(see Figure 7-13)
OPP100
NO.
UNIT
MIN
NOM
MAX
1
tc(DMXI)
Cycle time, DEVOSC_MXI/DEV_CLKIN
33.33
50
50
ns
2
tw(DMXIH)
Pulse duration, DEVOSC_MXI/DEV_CLKIN high
0.45C
0.55C
ns
3
tw(DMXIL)
Pulse duration, DEVOSC_MXI/DEV_CLKIN low
0.45C
0.55C
ns
4
tt(DMXI)
Transition time, DEVOSC_MXI/DEV_CLKIN
7
ns
5
tJ(DMXI)
Period jitter, DEVOSC_MXI/DEV_CLKIN
0.02C
ns
Frequency Stability
±50
ppm
(1)
The DEVOSC_MXI/DEV_CLKIN frequency and PLL settings should be chosen such that the resulting SYSCLKs and Module Clocks are
within the specific ranges shown in the Section 7.4.7, SYSCLKs and Section 7.4.8, Module Clocks.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
C = DEV_CLKIN cycle time in ns. For example, when DEVOSC_MXI/DEV_CLKIN frequency is 20 MHz, use C = 50 ns.
Figure 7-13. DEV_MXI/DEV_CLKIN Timing
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
151
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com