Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 154 Page - Texas Instruments

Back Button DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments DM385 Datasheet HTML 153Page - Texas Instruments DM385 Datasheet HTML 154Page - Texas Instruments DM385 Datasheet HTML 155Page - Texas Instruments DM385 Datasheet HTML 156Page - Texas Instruments DM385 Datasheet HTML 157Page - Texas Instruments DM385 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 280 page
background image
x2M
Multiplier
REFCLK
DCOCLK
CLKOUT
DEV Clock
1
2
M
1
2
1
(
1)
N +
1
( 2 1)
N +
DEV/AUX
Clock
xM
Multiplier
REFCLK
CLKDCO
CLKOUT
1
2
M
1
(
1)
N +
1
( 2 1)
N +
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
7.4.6
PLLs
The device contains 10 top-level PLLs, and embedded PLLs (within the ARM Cortex-A8, PCIE, and CSI)
that provide clocks to different parts of the system. Figure 7-17 and Figure 7-18 show simplified block
diagrams of the Top-Level PLL and PLL_ARM. In addition, see the System Clocking Overview (Figure 7-
7) for a high-level view of the device clock architecture including the PLL reference clock sources and
connections.
Figure 7-17. Top-Level PLL Simplified Block Diagram
Figure 7-18. PLL_ARM Simplified Block Diagram
The reference clock for most of the PLLs comes from the DEV input clock, with select PLLs also having
the option to use the AUX input clock as a reference. Also, each PLL supports a Bypass mode in which
the reference clock can be directly passed to the PLL CLKOUT through a divider. All device PLL’s will
come-up in Bypass mode after reset.
For details on programming the device PLLs, see the Control Module chapter in the device-specific
Technical Reference Manual.
7.4.6.1
PLL Power Supply Filtering
The device PLLs are supplied externally via the VDDA_xPLL_1P8 power-supply pins (where "x"
represents ARM, VID0, VID1, AUDIO, DDR, and/or L3). External filtering must be added on the PLL
supply pins to ensure that the requirements in Table 7-18 are met.
Table 7-18. PLL Power Supply Requirements
PARAMETER
MIN
MAX
UNIT
Dynamic noise at VDDA_xPLL_1P8 pins
50
mV p-p
7.4.6.2
PLL Multipliers and Dividers
The Top-Level and PLL_ARM PLLs support the internal multiplier and divider values shown in Table 7-19,
Top-Level PLL Multiplier and Divider Limits and Table 7-20, PLL_ARM Multiplier and Divider Limits. The
PLLs must be programmed to conform to the various REFCLK, CLKDCO, DCOCLK, and CLKOUT limits
described in Section 7.4.6.3, PLL Frequency Limits.
Table 7-19. Top-Level PLL Multiplier and Divider Limits
PARAMETER
MIN
MAX
N Pre-Divider
0
255
154
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com