Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 148 Page - Texas Instruments

Back Button DM385 Datasheet HTML 144Page - Texas Instruments DM385 Datasheet HTML 145Page - Texas Instruments DM385 Datasheet HTML 146Page - Texas Instruments DM385 Datasheet HTML 147Page - Texas Instruments DM385 Datasheet HTML 148Page - Texas Instruments DM385 Datasheet HTML 149Page - Texas Instruments DM385 Datasheet HTML 150Page - Texas Instruments DM385 Datasheet HTML 151Page - Texas Instruments DM385 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 280 page
background image
(
)
C C
1 2
C
Cshunt
L
C
C
1
2
=
+
+
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
C1
C2
Crystal
VSSA_AUXOSC
Rd
(Optional)
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 7-9. Auxiliary Oscillator
The load capacitors, C1 and C2 in the above pictures, should be chosen such that the below equation is
satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components
used to implement the oscillator circuit should be placed as close as possible to the associated oscillator
MXI, MXO, and VSS pins.
Table 7-10. Input Requirements for Crystal Circuit on the Device Oscillator (DEVOSC)
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Crystal Oscillation frequency(1)
20
20
30
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
50
Ω
Crystal Shunt Capacitance (Cshunt)
5
pF
Crystal Oscillation Mode
Fundamental Only
n/a
Crystal Frequency stability
±50
ppm
(1)
20-MHz DEV clock is required for all bootmodes other than Fast XIP. For more detailed information on boot modes, see the ROM Code
Memory and Peripheral Booting chapter in the device-specific Technical Reference Manual.
Table 7-11. Input Requirements for Crystal Circuit on the Auxiliary Oscillator (AUXOSC)
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Crystal Oscillation frequency
20
30
MHz
Parallel Load Capacitance (C1 and C2)
12
24
pF
Crystal ESR
50
Ω
Crystal Shunt Capacitance (Cshunt)
5
pF
Crystal Oscillation Mode
Fundamental Only
n/a
Crystal Frequency stability(1)
±50
ppm
(1)
Applies only when sourcing the HDMI or HDVPSS DAC clocks from the AUXOSC
7.4.1.2
Using a 1.8V LVCMOS-Compatible Clock Input
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillators as the DEV and
AUX clock inputs to the system. The external connections to support this are shown in Figure 7-10 and
Figure 7-11. The DEV_CLKIN and AUX_CLKIN pins are connected to the 1.8-V LVCMOS-Compatible
clock sources. The DEV_MXO and AUX_MXO pins are left unconnected. The VSSA_DEVOSC and
VSSA_AUXOSC pins are connected to board ground (VSS).
148
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com