Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 215 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 215 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 211Page - Advanced Micro Devices AM79C975 Datasheet HTML 212Page - Advanced Micro Devices AM79C975 Datasheet HTML 213Page - Advanced Micro Devices AM79C975 Datasheet HTML 214Page - Advanced Micro Devices AM79C975 Datasheet HTML 215Page - Advanced Micro Devices AM79C975 Datasheet HTML 216Page - Advanced Micro Devices AM79C975 Datasheet HTML 217Page - Advanced Micro Devices AM79C975 Datasheet HTML 218Page - Advanced Micro Devices AM79C975 Datasheet HTML 219Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 304 page
background image
Am79C973/Am79C975
215
P R E L I M INARY
Control and Status Registers (Continued)
RAP
Addr
Symbol
Default Value
After H_RESET
Comments
Use
34
CSR34
uuuu uuuu
CXDAL: Current XMT Descriptor Address Lower
T
35
CSR35
uuuu uuuu
CXDAU: Current XMT Descriptor Address Upper
T
36
CSR36
uuuu uuuu
NNRDAL: Next Next Receive Descriptor Address Lower
T
37
CSR37
uuuu uuuu
NNRDAU: Next Next Receive Descriptor Address Upper
T
38
CSR38
uuuu uuuu
NNXDAL: Next Next Transmit Descriptor Address Lower
T
39
CSR39
uuuu uuuu
NNXDAU: Next Next Transmit Descriptor Address Upper
T
40
CSR40
uuuu uuuu
CRBC: Current Receive Byte Count
T
41
CSR41
uuuu uuuu
CRST: Current Receive Status
T
42
CSR42
uuuu uuuu
CXBC: Current Transmit Byte
T
43
CSR43
uuuu uuuu
CXST: Current Transmit Status
T
44
CSR44
uuuu uuuu
NRBC: Next RCV Byte Count
T
45
CSR45
uuuu uuuu
NRST: Next RCV Status
T
46
CSR46
uuuu uuuu
POLL: Poll Time Counter
T
47
CSR47
uuuu uuuu
PI: Polling Interval
S
48
CSR48
uuuu uuuu
Reserved
49
CSR49
uuuu uuuu
Reserved
50
CSR50
uuuu uuuu
Reserved
51
CSR51
uuuu uuuu
Reserved
52
CSR52
uuuu uuuu
Reserved
53
CSR53
uuuu uuuu
Reserved
54
CSR54
uuuu uuuu
Reserved
55
CSR55
uuuu uuuu
Reserved
56
CSR56
uuuu uuuu
Reserved
57
CSR57
uuuu uuuu
Reserved
58
CSR58
see register
description
SWS: Software Style
S
59
CSR59
uuuu uuuu
Reserved
T
60
CSR60
uuuu uuuu
PXDAL: Previous XMT Descriptor Address Lower
T
61
CSR61
uuuu uuuu
PXDAU: Previous XMT Descriptor Address Upper
T
62
CSR62
uuuu uuuu
PXBC: Previous Transmit Byte Count
T
63
CSR63
uuuu uuuu
PXST: Previous Transmit Status
T
64
CSR64
uuuu uuuu
NXBAL: Next XMT Buffer Address Lower
T
65
CSR65
uuuu uuuu
NXBAU: Next XMT Buffer Address Upper
T
66
CSR66
uuuu uuuu
NXBC: Next Transmit Byte Count
T
67
CSR67
uuuu uuuu
NXST: Next Transmit Status
T
68
CSR68
uuuu uuuu
Reserved
69
CSR69
uuuu uuuu
Reserved
70
CSR70
uuuu uuuu
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com