Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 62Page - Advanced Micro Devices AM79C975 Datasheet HTML 63Page - Advanced Micro Devices AM79C975 Datasheet HTML 64Page - Advanced Micro Devices AM79C975 Datasheet HTML 65Page - Advanced Micro Devices AM79C975 Datasheet HTML 66Page - Advanced Micro Devices AM79C975 Datasheet HTML 67Page - Advanced Micro Devices AM79C975 Datasheet HTML 68Page - Advanced Micro Devices AM79C975 Datasheet HTML 69Page - Advanced Micro Devices AM79C975 Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 304 page
background image
66
Am79C973/Am79C975
P R E L I M INARY
Figure 31. 16-Bit Software Model
Note: The value of CSR2, bits 15-8, is used as the
upper 8-bits for all memory addresses during bus mas-
ter transfers.
Figure 32 illustrates the relationship between the initial-
ization base address, the initialization block, the re-
ceive and transmit descriptor ring base addresses, the
receive and transmit descriptors, and the receive and
transmit data buffers, when SSIZE32 is set to 1.
Polling
If there is no network channel activity and there is no
pre- or post-receive or pre- or post-transmit activity
being performed by the Am79C973/Am79C975 con-
troller, then the Am79C973/Am79C975 controller will
periodically poll the current receive and transmit de-
scriptor entries in order to ascertain their ownership. If
the DPOLL bit in CSR4 is set, then the transmit polling
function is disabled.
A typical polling operation consists of the following se-
quence. The Am79C973/Am79C975 controller will use
the current receive descriptor address stored internally
to vector to the appropriate Receive Descriptor Table
Entry (RDTE). It will then use the current transmit de-
scriptor address (stored internally) to vector to the ap-
propriate Transmit Descriptor Table Entry (TDTE). The
accesses will be made in the following order: RMD1,
then RMD0 of the current RDTE during one bus arbitra-
tion, and after that, TMD1, then TMD0 of the current
TDTE during a second bus arbitration. All information
collected during polling activity will be stored internally
in the appropriate CSRs, if the OWN bit is set (i.e.,
CSR18, CSR19, CSR20, CSR21, CSR40, CSR42,
CSR50, CSR52).
A typical receive poll is the product of the following con-
ditions:
1. Am79C973/Am79C975 controller does not own the
current RDTE and the poll time has elapsed and
RXON = 1 (CSR0, bit 5), or
2. Am79C973/Am79C975 controller does not own the
next RDTE and there is more than one receive de-
scriptor in the ring and the poll time has elapsed and
RXON = 1.
Initialization
Block
IADR[15:0]
IADR[31:16]
CSR1
CSR2
TDRA[15:0]
MOD
PADR[15:0]
PADR[31:16]
PADR[47:32]
LADRF[15:0]
LADRF[31:16]
LADRF[47:32]
LADRF[63:48]
RDRA[15:0]
RLE
RES
RDRA[23:16]
TLE
RES
TDRA[23:16]
Rcv
Buffers
RMD
RMD
RMD
RMD
Rcv Descriptor
Ring
N
N
N
N
•
•
•
1st desc.
start
2nd
desc.
RMD0
Xmt
Buffers
TMD
TMD
TMD
TMD
Xmt Descriptor
Ring
M
M
M
M
•
•
•
1st desc.
start
2nd
desc.
TMD
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
1
Data
Buffer
2
21510B21510D-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com