Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 47Page - Advanced Micro Devices AM79C975 Datasheet HTML 48Page - Advanced Micro Devices AM79C975 Datasheet HTML 49Page - Advanced Micro Devices AM79C975 Datasheet HTML 50Page - Advanced Micro Devices AM79C975 Datasheet HTML 51Page - Advanced Micro Devices AM79C975 Datasheet HTML 52Page - Advanced Micro Devices AM79C975 Datasheet HTML 53Page - Advanced Micro Devices AM79C975 Datasheet HTML 54Page - Advanced Micro Devices AM79C975 Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 304 page
background image
Am79C973/Am79C975
51
P R E L I M INARY
Figure 16. Disconnect With Data Transfer
Disconnect Without Data Transfer
Figure 17 shows a target disconnect sequence during
which no data is transferred. STOP is asserted on clock
4 without TRDY being asserted at the same time. The
Am79C973/Am79C975 controller terminates the ac-
cess with the deassertion of FRAME on clock 5 and of
IRDY one clock cycle later. It finally releases the bus on
clock 7. The Am79C973/Am79C975 controller will
again request the bus after two clock cycles to retry the
last transfer. The starting address of the new transfer
will be the address of the last non-transferred data.
Target Abort
Figure 18 shows a target abort sequence. The target
asserts DEVSEL for one clock. It then deasserts
DEVSEL and asserts STOP on clock 4. A target can
use the target abort sequence to indicate that it can-
not service the data transfer and that it does not want
the transa ctio n to be retr ied. Ad ditio nally, the
Am79C973/Am79C975 controller cannot make any
assumption about the success of the previous data
transfers in the current transaction. The Am79C973/
Am79C975 controller terminates the current transfer
with the deassertion of FRAME on clock 5 and of
IRDY one clock cycle later. It finally releases the bus
on clock 6.
Since data integrity is not guaranteed, the Am79C973/
Am79C975 controller cannot recover from a target
abort event. The Am79C973/Am79C975 controller will
reset all CSR locations to their STOP_RESET values.
The BCR and PCI configuration registers will not be
cleared. Any on-going network transmission is termi-
nated in an orderly sequence. If less than 512 bits have
been transmitted onto the network, the transmission
will be terminated immediately, generating a runt
packet. If 512 bits or more have been transmitted, the
message will have the current FCS inverted and ap-
pended at the next byte boundary to guarantee an FCS
error is detected at the receiving station.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL
is sampled
ADDRi
0000
0111
PAR
0111
2
3456789
11
10
PAR
DATA
STOP
ADDRi+8
DATA
1
21510D-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com