Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 95Page - Advanced Micro Devices AM79C975 Datasheet HTML 96Page - Advanced Micro Devices AM79C975 Datasheet HTML 97Page - Advanced Micro Devices AM79C975 Datasheet HTML 98Page - Advanced Micro Devices AM79C975 Datasheet HTML 99Page - Advanced Micro Devices AM79C975 Datasheet HTML 100Page - Advanced Micro Devices AM79C975 Datasheet HTML 101Page - Advanced Micro Devices AM79C975 Datasheet HTML 102Page - Advanced Micro Devices AM79C975 Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 304 page
background image
Am79C973/Am79C975
99
P R E L I M INARY
s BCR35
PCI Vendor ID
s BCR36
PCI
Power
Management
Capabilities (PMC) Alias Regis-
ter
s BCR37
PCI DATA Register Zero (DATA0)
Alias Register
s BCR38
PCI DATA Register One (DATA1)
Alias Register
s BCR39
PCI DATA Register Two (DATA2)
Alias Register
s BCR40
PCI
DATA
Register
Three
(DATA3) Alias Register
s BCR41
PCI DATA Register Four (DATA4)
Alias Register
s BCR42
PCI DATA Register Five (DATA5)
Alias Register
s BCR43
PCI DATA Register Six (DATA6)
Alias Register
s BCR44
PCI
DATA
Register
Seven
(DATA7) Alias Register
s BCR45
OnNow
Pattern
Matching
Register 1
s BCR46
OnNow
Pattern
Matching
Register 2
s BCR47
OnNow
Pattern
Matching
Register 3
s CSR12
Physical Address Register 0
s CSR13
Physical Address Register 1
s CSR14
Physical Address Register 2
s CSR116
OnNow Miscellaneous
If PREAD (BCR19, bit 14) and PVALID (BCR19, bit 15)
are cleared to 0, then the EEPROM read has experi-
enced a failure and the contents of the EEPROM pro-
grammable BCR register will be set to default
H_RESET values. The content of the Address PROM
locations, however, will not be cleared.
EEPROM MAP
The automatic EEPROM read operation will access 41
words (i.e., 82 bytes) of the EEPROM. The format of
the EEPROM contents is shown in Table 13 (next
page), beginning with the byte that resides at the low-
est EEPROM address.
Note: The first bit out of any word location in the EE-
PROM is treated as the MSB of the register being pro-
grammed. For example, the first bit out of EEPROM
word location 09h will be written into BCR4, bit 15; the
second bit out of EEPROM word location 09h will be
written into BCR4, bit 14, etc.
There are two checksum locations within the EE-
PROM. The first checksum will be used by AMD driver
software to verify that the ISO 8802-3 (IEEE/ANSI
802.3) station address has not been corrupted. The
value of bytes 0Ch and 0Dh should match the sum of
bytes 00h through 0Bh and 0Eh and 0Fh. The second
checksum location (byte 51h) is not a checksum total,
but is, instead, a checksum adjustment. The value of
this byte should be such that the total checksum for the
entire 82 bytes of EEPROM data equals the value FFh.
T he c h e cks um adj us t b y te is ne ede d b y th e
Am79C973/Am79C975 controller in order to verify that
the EEPROM content has not been corrupted.
LED Support
The Am79C973/Am79C975 controller can support up
to four LEDs. LED outputs LED0, LED1, and LED2
allow for direct connection of an LED and its supporting
pullup device.
In applications that want to use the pin to drive an LED
and also have an EEPROM, it might be necessary to
buffer the LED3 circuit from the EEPROM connection.
When an LED circuit is directly connected to the
EEDO/LED3/SRD pin, then it is not possible for most
EEPROM devices to sink enough IOL to maintain a valid
low level on the EEDO input to the Am79C973/
Am79C975 controller. Use of buffering can be avoided
if a low power LED is used.
Each LED can be programmed through a BCR register
to indicate one or more of the following network status
or activities: Collision Status, Full-Duplex Link Status,
Half-Duplex Link Status, Receive Match, Receive Sta-
tus, Magic Packet, Disable Transceiver, and Transmit
Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com