Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 104Page - Advanced Micro Devices AM79C975 Datasheet HTML 105Page - Advanced Micro Devices AM79C975 Datasheet HTML 106Page - Advanced Micro Devices AM79C975 Datasheet HTML 107Page - Advanced Micro Devices AM79C975 Datasheet HTML 108Page - Advanced Micro Devices AM79C975 Datasheet HTML 109Page - Advanced Micro Devices AM79C975 Datasheet HTML 110Page - Advanced Micro Devices AM79C975 Datasheet HTML 111Page - Advanced Micro Devices AM79C975 Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 304 page
background image
108
Am79C973/Am79C975
P R E L I M INARY
STOP terminates all network activity abruptly. The host
can use the suspend mode (SPND, CSR5, bit 0) to ter-
minate all network activity in an orderly sequence be-
fore setting the STOP bit.
Power on Reset
Power on Reset (POR) is generated when the
Am79C973/Am79C975 controller is powered up. POR
generates a hardware reset (H_RESET). In addition, it
clears some bits that H_RESET does not affect.
Software Access
PCI Configuration Registers
The Am79C973/Am79C975 controller implements the
256-byte configuration space as defined by the PCI
specification revision 2.1. The 64-byte header includes
all registers required to identify the Am79C973/
Am79C975 controller and its function. Additionally, PCI
Power Management Interface registers are imple-
mented at location 40h - 47h. The layout of the
Am79C973/Am79C975 PCI configuration space is
shown in Table 19.
The PCI configuration registers are accessible only by
configuration cycles. All multi-byte numeric fields follow
little endian byte ordering. All write accesses to Re-
served locations have no effect; reads from these loca-
tions will return a data value of 0.
Table 19. PCI Configuration Space Layout
31
24
23
16
15
8
7
0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Reserved
0Ch
I/O Base Address
10h
Memory Mapped I/O Base Address
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Cardbus CIS Pointer
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Expansion ROM Base Address
30h
Reserved
CAP-PTR
34h
Reserved
38h
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
3Ch
PMC
NXT_ITM_PTR
CAP_ID
40h
DATA_REG
PMCSR_BSE
PMCSR
44H
Reserved
.
.
Reserved
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com