Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 119Page - Advanced Micro Devices AM79C975 Datasheet HTML 120Page - Advanced Micro Devices AM79C975 Datasheet HTML 121Page - Advanced Micro Devices AM79C975 Datasheet HTML 122Page - Advanced Micro Devices AM79C975 Datasheet HTML 123Page - Advanced Micro Devices AM79C975 Datasheet HTML 124Page - Advanced Micro Devices AM79C975 Datasheet HTML 125Page - Advanced Micro Devices AM79C975 Datasheet HTML 126Page - Advanced Micro Devices AM79C975 Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 304 page
background image
Am79C973/Am79C975
123
P R E L I M INARY
been selected). Then a second access is performed,
this time to the RDP offset of 10h (for either WIO or
DWIO mode). The RDP access is a read access, and
since RAP has just been loaded with the value of 0004h,
the RDP read will yield the contents of CSR4. A read of
the BDP at this time (offset of 16h when WIO mode has
been selected, 1Ch when DWIO mode has been select-
ed) will yield the contents of BCR4, since the RAP is
used as the pointer into both BDP and RDP space.
RAP: Register Address Port
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
RES
Reserved locations. Read and
written as zeros.
7-0
RAP
Register Address Port. The value
of these 8 bits determines which
CSR or BCR will be accessed
when an I/O access to the RDP
or BDP port, respectively, is per-
formed.
A write access to undefined CSR
or BCR locations may cause un-
expected reprogramming of the
Am79C973/Am79C975
control
registers. A read access will yield
undefined values.
Read/Write accessible always.
RAP is cleared by H_RESET or
S_RESET and is unaffected by
setting the STOP bit.
Control and Status Registers
The CSR space is accessible by performing accesses
to the RDP (Register Data Port). The particular CSR
that is read or written during an RDP access will depend
upon the current setting of the RAP. RAP serves as a
pointer into the CSR space.
CSR0: Am79C973/Am79C975 Controller Status and
Control Register
Certain bits in CSR0 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR0 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
ERR
Error is set by the OR of CERR,
MISS, and MERR. ERR remains
set as long as any of the error
flags are true.
Read accessible always. ERR is
read only. Write operations are
ignored.
14
RES
Reserved locations. Read/Write
accessible always. Read returns
zero.
13
CERR
Collision Error is set by the
Am79C973/Am79C975 controller
when the device operates in half-
duplex mode and the collision in-
puts (10 Mbps) failed to activate
within 20 network bit times after
the chip terminated transmission
(SQE Test). This feature is a
10BASE-T
PHY
test
feature.
CERR reporting is disabled when
the Am79C973/Am79C975 con-
troller
operates
in
full-duplex
mode.
When the MII port is selected,
CERR is only reported when the
external PHY is operating as a
half-duplex 10BASE-T PHY.
CERR assertion will not result in
an interrupt being generated.
CERR assertion will set the ERR
bit.
Read/Write accessible always.
CERR is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
CERR
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
12
MISS
Missed Frame is set by the
Am79C973/Am79C975 controller
when it has lost an incoming re-
ceive frame resulting from a Re-
ceive
Descriptor
not
being
available. This bit is the only im-
mediate indication that receive
data has been lost since there is
no current receive descriptor.
The
Missed
Frame
Counter
(CSR112) also increments each
time a receive frame is missed.
When MISS is set, INTA is as-
serted if IENA is 1 and the mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com