Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 130 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 126Page - Advanced Micro Devices AM79C975 Datasheet HTML 127Page - Advanced Micro Devices AM79C975 Datasheet HTML 128Page - Advanced Micro Devices AM79C975 Datasheet HTML 129Page - Advanced Micro Devices AM79C975 Datasheet HTML 130Page - Advanced Micro Devices AM79C975 Datasheet HTML 131Page - Advanced Micro Devices AM79C975 Datasheet HTML 132Page - Advanced Micro Devices AM79C975 Datasheet HTML 133Page - Advanced Micro Devices AM79C975 Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 304 page
background image
130
Am79C973/Am79C975
P R E L I M INARY
9
MFCO
Missed Frame Counter Overflow
is
set
by
the
Am79C973/
Am79C975 controller when the
Missed Frame Counter (CSR112
and
CSR113)
has
wrapped
around.
When MFCO is set, INTA is as-
serted if IENA is 1 and the mask
bit MFCOM is 0.
Read/Write accessible always.
MFCO is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MFCO
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
8
MFCOM
Missed Frame Counter Overflow
Mask. If MFCOM is set, the
MFCO bit will be masked and un-
able to set the INTR bit.
Read/Write accessible always.
MFCOM is set to 1 by H_RESET
or S_RESET and is not affected
by the STOP bit.
7
UINTCMD
User
Interrupt
Command.
UINTCMD can be used by the
host to generate an interrupt un-
related to any network activity.
When UINTCMD is set, INTA is
asserted if IENA is set to 1.
UINTCMD will be cleared inter-
nally
after
the
Am79C973/
Am79C975 controller has set
UINT to 1.
Read/Write accessible always.
UINTCMD
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
6
UINT
User Interrupt. UINT is set by the
Am79C973/Am79C975 controller
after the host has issued a user
interrupt command by setting
UINTCMD (CSR4, bit 7) to 1.
Read/Write accessible always.
UINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
UINT
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
5
RCVCCO
Receive Collision Counter Over-
flow is set by the Am79C973/
Am79C975 controller when the
Receive
Collision
Counter
(CSR114
and
CSR115)
has
wrapped around.
When RCVCCO is set, INTA is
asserted if IENA is 1 and the
mask bit RCVCCOM is 0.
Read/Write accessible always.
RCVCCO is cleared by the host
by writing a 1. Writing a 0 has no
effect. RCVCCO is cleared by
H_RESET, S_RESET, or by set-
ting the STOP bit.
4
RCVCCOM Receive Collision Counter Over-
flow Mask. If RCVCCOM is set,
the RCVCCO bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
RCVCCOM
is
set
to
1
by
H_RESET or S_RESET and is
not affected by the STOP bit.
3
TXSTRT
Transmit Start status is set by the
Am79C973/Am79C975 controller
whenever it begins transmission
of a frame.
When TXSTRT is set, INTA is as-
serted if IENA is 1 and the mask
bit TXSTRTM is 0.
Read/Write accessible always.
TXSTRT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
TXSTRT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
2
TXSTRTM
Transmit
Start
Mask.
If
TX-
STRTM is set, the TXSTRT bit
will be masked and unable to set
the INTR bit.
Read/Write accessible always.
TXSTRTM
is
set
to
1
by
H_RESET or S_RESET and is
not affected by the STOP bit.
1-0
RES
Reserved locations. Written as
zeros and read as undefined.
CSR5: Extended Control and Interrupt 1
Certain bits in CSR5 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com