Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 163 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 163 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 159Page - Advanced Micro Devices AM79C975 Datasheet HTML 160Page - Advanced Micro Devices AM79C975 Datasheet HTML 161Page - Advanced Micro Devices AM79C975 Datasheet HTML 162Page - Advanced Micro Devices AM79C975 Datasheet HTML 163Page - Advanced Micro Devices AM79C975 Datasheet HTML 164Page - Advanced Micro Devices AM79C975 Datasheet HTML 165Page - Advanced Micro Devices AM79C975 Datasheet HTML 166Page - Advanced Micro Devices AM79C975 Datasheet HTML 167Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 304 page
background image
Am79C973/Am79C975
163
P R E L I M INARY
value in the D5 bit position (see
Appendix B on SMIU Bus Fre-
quency.
Read/Write accessible always.
I2C_M2 is cleared by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
8
APROMWE Address PROM Write Enable.
The Am79C973/Am79C975 con-
troller contains a shadow RAM on
board for storage of the first 16
bytes loaded from the serial EE-
PROM.
Accesses to Address
PROM I/O Resources will be di-
rected toward this RAM. When
APROMWE is set to 1, then write
access to the shadow RAM will
be enabled.
Read/Write accessible always.
APROMWE is cleared to 0 by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
7
INTLEVEL
Interrupt Level. This bit allows the
interrupt output signals to be pro-
grammed
for
level
or
edge-
sensitive applications.
When INTLEVEL is cleared to 0,
the INTA pin is configured for
level-sensitive
applications.
In
this mode, an interrupt request is
signaled by a low level driven on
the INTA pin by the Am79C973/
Am79C975 controller. When the
interrupt is cleared, the INTA pin
is tri-stated by the Am79C973/
Am79C975 controller and al-
lowed to be pulled to a high level
by an external pullup device. This
mode is intended for systems
which allow the interrupt signal to
be shared by multiple devices.
When INTLEVEL is set to 1, the
INTA pin is configured for edge-
sensitive
applications.
In
this
mode, an interrupt request is sig-
naled by a high level driven on
the INTA pin by the Am79C973/
Am79C975 controller. When the
interrupt is cleared, the INTA pin
is driven to a low level by the
Am79C973/Am79C975
control-
ler. This mode is intended for sys-
tems that do not allow
interrupt
channels to be shared by multiple
devices.
INTLEVEL should not be set to 1
when the Am79C973/Am79C975
controller is used in a PCI bus ap-
plication.
Read/Write accessible always.
INTLEVEL is cleared to 0 by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
6
I2C_M1
(Am79C975 only). This bit is used
to set the operating frequency of
the SMIU core. It represents the
value in the D4 bit position (see
Appendix B on SMIU Bus Fre-
quency.
Read/Write accessible always.
I2C_M1 is cleared by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
5
I2C_M0
(Am79C975 only). This bit is used
to set the operating frequency of
the SMIU core. It represents the
value in the D3 bit position (see
Appendix B on SMIU Bus Fre-
quency.
Read/Write accessible always.
I2C_M0 is cleared by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
4
I2C_N2
(Am79C975 only). This bit is used
to set the operating frequency of
the SMIU core. It represents the
value in the D2 bit position (see
Appendix B on SMIU Bus Fre-
quency.
Read/Write accessible always.
I2C_N2 is cleared by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
3
EADISEL
EADI Select. When set to 1, this
bit enables the three EADI inter-
face pins that are multiplexed
with other functions. EESK/LED1
becomes
SFBD,
EEDO/LED3
becomes
MIIRXFRTGD,
and
LED2 becomes MIIRXFRTGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com