Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 103 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 103 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 99Page - Altera Corporation EP2C8A Datasheet HTML 100Page - Altera Corporation EP2C8A Datasheet HTML 101Page - Altera Corporation EP2C8A Datasheet HTML 102Page - Altera Corporation EP2C8A Datasheet HTML 103Page - Altera Corporation EP2C8A Datasheet HTML 104Page - Altera Corporation EP2C8A Datasheet HTML 105Page - Altera Corporation EP2C8A Datasheet HTML 106Page - Altera Corporation EP2C8A Datasheet HTML 107Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 168 page
background image
Altera Corporation
5–13
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Table 5–13 shows the Cyclone II device pin capacitance for different I/O
pin types.
Power
Consumption
You can calculate the power usage for your design using the PowerPlay
Early Power Estimator and the PowerPlay Power Analyzer feature in the
Quartus® II software.
The interactive PowerPlay Early Power Estimator is typically used
during the early stages of FPGA design, prior to finalizing the project, to
get a magnitude estimate of the device power. The Quartus II software
PowerPlay Power Analyzer feature is typically used during the later
stages of FPGA design. The PowerPlay Power Analyzer also allows you
to apply test vectors against your design for more accurate power
consumption modeling.
In both cases, only use these calculations as an estimation of power, not
as a specification. For more information on PowerPlay tools, refer to the
PowerPlay Early Power Estimator User Guide and the Power Estimation and
Analysis section in volume 3 of the Quartus II Handbook.
1
You can obtain the Excel-based PowerPlay Early Power
Estimator at www.altera.com. Refer to Table 5–3 on page 5–3 for
typical ICC standby specifications.
The power-up current required by Cyclone II devices does not exceed the
maximum static current. The rate at which the current increases is a
function of the system power supply. The exact amount of current
consumed varies according to the process, temperature, and power ramp
rate. The duration of the ICCINT power-up requirement depends on the
VCCINT voltage supply rise time.
Table 5–13. Device Capacitance Note (1)
Symbol
Parameter
Typical
Unit
CIO
Input capacitance for user I/O pin.
6
pF
CLVDS
Input capacitance for dual-purpose
LVDS/user I/O pin.
6
pF
CVREF
Input capacitance for dual-purpose
VREF
pin when used as
VREF or user I/O pin.
21
pF
CCLK
Input capacitance for clock pin.
5
pF
Note to Table 5–13:
(1)
Capacitance is sample-tested only. Capacitance is measured using time-domain
reflectometry (TDR). Measurement accuracy is within ±0.5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com