Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 104 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 104 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 100Page - Altera Corporation EP2C8A Datasheet HTML 101Page - Altera Corporation EP2C8A Datasheet HTML 102Page - Altera Corporation EP2C8A Datasheet HTML 103Page - Altera Corporation EP2C8A Datasheet HTML 104Page - Altera Corporation EP2C8A Datasheet HTML 105Page - Altera Corporation EP2C8A Datasheet HTML 106Page - Altera Corporation EP2C8A Datasheet HTML 107Page - Altera Corporation EP2C8A Datasheet HTML 108Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
5–14
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
You should select power supplies and regulators that can supply the
amount of current required when designing with Cyclone II devices.
Altera recommends using the Cyclone II PowerPlay Early Power
Estimator to estimate the user-mode ICCINT consumption and then select
power supplies or regulators based on the values obtained.
Timing
Specifications
The DirectDrive™ technology and MultiTrack™ interconnect ensure
predictable performance, accurate simulation, and accurate timing
analysis across all Cyclone II device densities and speed grades. This
section describes and specifies the performance, internal, external,
high-speed I/O, JTAG, and PLL timing specifications.
This section shows the timing models for Cyclone II devices. Commercial
devices meet this timing over the commercial temperature range.
Industrial devices meet this timing over the industrial temperature range.
Automotive devices meet this timing over the automotive temperature
range. Extended devices meet this timing over the extended temperature
range. All specifications are representative of worst-case supply voltage
and junction temperature conditions.
Preliminary and Final Timing Specifications
Timing models can have either preliminary or final status. The Quartus II
software issues an informational message during the design compilation
if the timing models are preliminary. Table 5–14 shows the status of the
Cyclone II device timing models.
Preliminary status means the timing model is subject to change. Initially,
timing numbers are created using simulation results, process data, and
other known parameters. These tests are used to make the preliminary
numbers as close to the actual timing parameters as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com