Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 108 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 108 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 104Page - Altera Corporation EP2C8A Datasheet HTML 105Page - Altera Corporation EP2C8A Datasheet HTML 106Page - Altera Corporation EP2C8A Datasheet HTML 107Page - Altera Corporation EP2C8A Datasheet HTML 108Page - Altera Corporation EP2C8A Datasheet HTML 109Page - Altera Corporation EP2C8A Datasheet HTML 110Page - Altera Corporation EP2C8A Datasheet HTML 111Page - Altera Corporation EP2C8A Datasheet HTML 112Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 168 page
background image
5–18
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
Internal Timing
Refer to Tables 5–16 through 5–19 for the internal timing parameters.
Larger
Designs
8-bit, 1024 pt, Quad Output,
4 Parallel FFT Engines, Buffered
Burst, 3 Mults/5 Adders FFT
function
8053
60
36
200.0
195.0
149.23
163.02
8-bit, 1024 pt, Quad Output,
4 Parallel FFT Engines, Buffered
Burst, 4 Mults/2 Adders FFT
function
7453
60
48
200.0
195.0
151.28
163.02
Notes to Table 5–15 :
(1)
This application uses registered inputs and outputs.
(2)
This application uses registered multiplier input and output stages within the DSP block.
(3)
This application uses the same clock source for both A and B ports.
(4)
This application uses independent clock sources for A and B ports.
(5)
This application uses PLL clock outputs that are globally routed to connect and drive M4K clock ports. Use of
non-PLL clock sources or local routing to drive M4K clock ports may result in lower performance numbers than
shown here. Refer to the Quartus II timing report for actual performance numbers.
(6)
These numbers are for commercial devices.
(7)
These numbers are for automotive devices.
Table 5–15. Cyclone II Performance (Part 4 of 4)
Applications
Resources Used
Performance (MHz)
LEs
M4K
Memory
Blocks
DSP
Blocks
–6
Speed
Grade
–7
Speed
Grade
(6)
–7
Speed
Grade
(7)
–8
Speed
Grade
Table 5–16. LE_FF Internal Timing Microparameters (Part 1 of 2)
Parameter
–6 Speed Grade (1)
–7 Speed Grade (2)
–8 Speed Grade (3)
Unit
Min
Max
Min
Max
Min
Max
TSU
–36
—
–40
—
–40
—
ps
—
—
–38
—
–40
—
ps
TH
266
—
306
—
306
—
ps
—
—
286
—
306
—
ps
TCO
141
250
135
277
135
304
ps
—
—
141
—
141
—
ps
TCLR
191
—
244
—
244
—
ps
—
—
217
—
244
—
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com