Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 119 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 119 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 115Page - Altera Corporation EP2C8A Datasheet HTML 116Page - Altera Corporation EP2C8A Datasheet HTML 117Page - Altera Corporation EP2C8A Datasheet HTML 118Page - Altera Corporation EP2C8A Datasheet HTML 119Page - Altera Corporation EP2C8A Datasheet HTML 120Page - Altera Corporation EP2C8A Datasheet HTML 121Page - Altera Corporation EP2C8A Datasheet HTML 122Page - Altera Corporation EP2C8A Datasheet HTML 123Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 168 page
background image
Altera Corporation
5–29
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
EP2C70 Clock Timing Parameters
Tables 5–33 and 5–34 show the clock timing parameters for EP2C70
devices.
Clock Network Skew Adders
Table 5–35 shows the clock network specifications.
Table 5–33. EP2C70 Column Pins Global Clock Timing Parameters
Parameter
Fast Corner
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
Unit
Industrial
Commercial
tCIN
1.575
1.651
2.914
3.105
3.174
ns
tCOUT
1.589
1.666
2.948
3.137
3.203
ns
tPL LCIN
–0.149
–0.158
0.27
0.268
0.089
ns
tPL LCOUT
–0.135
–0.143
0.304
0.3
0.118
ns
Table 5–34. EP2C70 Row Pins Global Clock Timing Parameters
Parameter
Fast Corner
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
Unit
Industrial
Commercial
tCIN
1.463
1.533
2.753
2.927
3.010
ns
tCOUT
1.465
1.535
2.769
2.940
3.018
ns
tPL LCIN
–0.261
–0.276
0.109
0.09
–0.075
ns
tPL LCOUT
–0.259
–0.274
0.125
0.103
–0.067
ns
Table 5–35. Clock Network Specifications
Name
Description
Max
Unit
Clock skew adder
EP2C5/A, EP2C8/A (1)
Inter-clock network, same bank
±88
ps
Inter-clock network, same side and
entire chip
±88
ps
Clock skew adder
EP2C15A, EP2C20/A,
EP2C35, EP2C50,
EP2C70 (1)
Inter-clock network, same bank
±118
ps
Inter-clock network, same side and
entire chip
±138
ps
Note to Table 5–35:
(1)
This is in addition to intra-clock network skew, which is modeled in the
Quartus II software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com