Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 121 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 121 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 117Page - Altera Corporation EP2C8A Datasheet HTML 118Page - Altera Corporation EP2C8A Datasheet HTML 119Page - Altera Corporation EP2C8A Datasheet HTML 120Page - Altera Corporation EP2C8A Datasheet HTML 121Page - Altera Corporation EP2C8A Datasheet HTML 122Page - Altera Corporation EP2C8A Datasheet HTML 123Page - Altera Corporation EP2C8A Datasheet HTML 124Page - Altera Corporation EP2C8A Datasheet HTML 125Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 168 page
background image
Altera Corporation
5–31
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Default Capacitive Loading of Different I/O Standards
Refer to Table 5–38 for default capacitive loading of different I/O
standards.
Input Delay
from Pin to
Input
Register
Pad ->
I/O input
register
8
0
2669
0
4482
0
4834
0
4859
ps
0
2802
—
—
0
4671
—
—
ps
Delay from
Output
Register to
Output Pin
I/O
output
register -
> Pad
2
0
308
0
572
0
648
0
682
ps
0
324
—
—
0
626
—
—
ps
Notes to Table 5–37 :
(1)
The incremental values for the settings are generally linear. For exact values of each setting, use the latest version
of the Quartus II software.
(2)
The minimum and maximum offset timing numbers are in reference to setting “0” as available in the Quartus II
software.
(3)
The value in the first row represents the fast corner timing parameter for industrial and automotive devices. The
second row represents the fast corner timing parameter for commercial devices.
(4)
The value in the first row is for automotive devices. The second row is for commercial devices.
Table 5–37. Cyclone II IOE Programmable Delay on Row Pins Notes (1), (2) (Part 2 of 2)
Parameter
Paths
Affected
Number
of
Settings
Fast Corner (3)
–6 Speed
Grade
–7 Speed
Grade (4)
–8 Speed Grade
Unit
Min
Offset
Max
Offset
Min
Offset
Max
Offset
Min
Offset
Max
Offset
Min
Offset
Max
Offset
Table 5–38. Default Loading of Different I/O Standards for Cyclone II Device
(Part 1 of 2)
I/O Standard
Capacitive Load
Unit
LVTTL
0
pF
LVCMOS
0
pF
2.5V
0
pF
1.8V
0
pF
1.5V
0
pF
PCI
10
pF
PCI-X
10
pF
SSTL_2_CLASS_I
0
pF
SSTL_2_CLASS_II
0
pF
SSTL_18_CLASS_I
0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com