Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 124 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 124 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 120Page - Altera Corporation EP2C8A Datasheet HTML 121Page - Altera Corporation EP2C8A Datasheet HTML 122Page - Altera Corporation EP2C8A Datasheet HTML 123Page - Altera Corporation EP2C8A Datasheet HTML 124Page - Altera Corporation EP2C8A Datasheet HTML 125Page - Altera Corporation EP2C8A Datasheet HTML 126Page - Altera Corporation EP2C8A Datasheet HTML 127Page - Altera Corporation EP2C8A Datasheet HTML 128Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 168 page
background image
5–34
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
1.5V_HSTL_CLASS_I
tPI
589
617
1145
1176
1208
1208
ps
tPCOUT
375
393
683
731
780
780
ps
1.5V_HSTL_CLASS_II
tPI
589
617
1145
1176
1208
1208
ps
tPCOUT
375
393
683
731
780
780
ps
1.8V_HSTL_CLASS_I
tPI
577
605
1027
1035
1045
1045
ps
tPCOUT
363
381
565
590
617
617
ps
1.8V_HSTL_CLASS_II
tPI
577
605
1027
1035
1045
1045
ps
tPCOUT
363
381
565
590
617
617
ps
DIFFERENTIAL_SSTL_2_
CLASS_I
tPI
533
558
990
1015
1040
1040
ps
tPCOUT
319
334
528
570
612
612
ps
DIFFERENTIAL_SSTL_2_
CLASS_II
tPI
533
558
990
1015
1040
1040
ps
tPCOUT
319
334
528
570
612
612
ps
DIFFERENTIAL_SSTL_18_
CLASS_I
tPI
577
605
1027
1035
1045
1045
ps
tPCOUT
363
381
565
590
617
617
ps
DIFFERENTIAL_SSTL_18_
CLASS_II
tPI
577
605
1027
1035
1045
1045
ps
tPCOUT
363
381
565
590
617
617
ps
1.8V_DIFFERENTIAL_HSTL_
CLASS_I
tPI
577
605
1027
1035
1045
1045
ps
tPCOUT
363
381
565
590
617
617
ps
1.8V_DIFFERENTIAL_HSTL_
CLASS_II
tPI
577
605
1027
1035
1045
1045
ps
tPCOUT
363
381
565
590
617
617
ps
1.5V_DIFFERENTIAL_HSTL_
CLASS_I
tPI
589
617
1145
1176
1208
1208
ps
tPCOUT
375
393
683
731
780
780
ps
1.5V_DIFFERENTIAL_HSTL_
CLASS_II
tPI
589
617
1145
1176
1208
1208
ps
tPCOUT
375
393
683
731
780
780
ps
LVDS
tPI
623
653
1072
1075
1078
1078
ps
tPCOUT
409
429
610
630
650
650
ps
1.2V_HSTL
tPI
570
597
1263
1324
1385
1385
ps
tPCOUT
356
373
801
879
957
957
ps
Table 5–40. Cyclone II I/O Input Delay for Column Pins (Part 2 of 3)
I/O Standard
Parameter
Fast Corner
–6
Speed
Grade
–7
Speed
Grade
(1)
–7
Speed
Grade
(2)
–8
Speed
Grade
Unit
Industrial/
Automotive
Commer
-cial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com