Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 128 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 128 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 124Page - Altera Corporation EP2C8A Datasheet HTML 125Page - Altera Corporation EP2C8A Datasheet HTML 126Page - Altera Corporation EP2C8A Datasheet HTML 127Page - Altera Corporation EP2C8A Datasheet HTML 128Page - Altera Corporation EP2C8A Datasheet HTML 129Page - Altera Corporation EP2C8A Datasheet HTML 130Page - Altera Corporation EP2C8A Datasheet HTML 131Page - Altera Corporation EP2C8A Datasheet HTML 132Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 168 page
background image
5–38
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
2.5V
4 mA
tOP
1208
1267
2478
2614
2743
2750
ps
tDIP
1340
1406
2648
2808
2969
2969
ps
8 mA
tOP
1190
1248
2307
2434
2554
2561
ps
tDIP
1322
1387
2477
2628
2780
2780
ps
12 mA
tOP
1154
1210
2192
2314
2430
2437
ps
tDI P
1286
1349
2362
2508
2656
2656
ps
16 mA
(1)
tOP
1140
1195
2152
2263
2375
2382
ps
tDIP
1272
1334
2322
2457
2601
2601
ps
1.8V
2 mA
tOP
1682
1765
3988
4279
4563
4570
ps
tDI P
1814
1904
4158
4473
4789
4789
ps
4 mA
tOP
1567
1644
3301
3538
3768
3775
ps
tDIP
1699
1783
3471
3732
3994
3994
ps
6 mA
tOP
1475
1547
2993
3195
3391
3398
ps
tDIP
1607
1686
3163
3389
3617
3617
ps
8 mA
tOP
1451
1522
2882
3074
3259
3266
ps
tDI P
1583
1661
3052
3268
3485
3485
ps
10 mA
tOP
1438
1508
2853
3041
3223
3230
ps
tDIP
1570
1647
3023
3235
3449
3449
ps
12 mA
(1)
tOP
1438
1508
2853
3041
3223
3230
ps
tDIP
1570
1647
3023
3235
3449
3449
ps
1.5V
2 mA
tOP
2083
2186
4477
4870
5256
5263
ps
tDI P
2215
2325
4647
5064
5482
5482
ps
4 mA
tOP
1793
1881
3649
3965
4274
4281
ps
tDIP
1925
2020
3819
4159
4500
4500
ps
6 mA
tOP
1770
1857
3527
3823
4112
4119
ps
tDIP
1902
1996
3697
4017
4338
4338
ps
8 mA
(1)
tOP
1703
1787
3537
3827
4111
4118
ps
tDI P
1835
1926
3707
4021
4337
4337
ps
Table 5–42. Cyclone II I/O Output Delay for Column Pins (Part 2 of 6)
I/O Standard
Drive
Strength
Parameter
Fast Corner
–6
Speed
Grade
–7
Speed
Grade
(2)
–7
Speed
Grade
(3)
–8
Speed
Grade
Unit
Industrial/
Automotive
Commer
-cial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com