Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 131 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 131 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 127Page - Altera Corporation EP2C8A Datasheet HTML 128Page - Altera Corporation EP2C8A Datasheet HTML 129Page - Altera Corporation EP2C8A Datasheet HTML 130Page - Altera Corporation EP2C8A Datasheet HTML 131Page - Altera Corporation EP2C8A Datasheet HTML 132Page - Altera Corporation EP2C8A Datasheet HTML 133Page - Altera Corporation EP2C8A Datasheet HTML 134Page - Altera Corporation EP2C8A Datasheet HTML 135Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 168 page
background image
Altera Corporation
5–41
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
DIFFERENTIAL_
SSTL_18_CLASS_I
6 mA
tOP
1472
1544
3140
3345
3542
3549
ps
tDIP
1604
1683
3310
3539
3768
3768
ps
8 mA
tOP
1469
1541
3086
3287
3482
3489
ps
tDIP
1601
1680
3256
3481
3708
3708
ps
10 mA
tOP
1466
1538
2980
3171
3354
3361
ps
tDI P
1598
1677
3150
3365
3580
3580
ps
12 mA
(1)
tOP
1466
1538
2980
3171
3354
3361
ps
tDIP
1598
1677
3150
3365
3580
3580
ps
DIFFERENTIAL_
SSTL_18_CLASS_II
16 mA
tOP
1454
1525
2905
3088
3263
3270
ps
tDI P
1586
1664
3075
3282
3489
3489
ps
18 mA
(1)
tOP
1453
1524
2900
3082
3257
3264
ps
tDIP
1585
1663
3070
3276
3483
3483
ps
1.8V_DIFFERENTIAL
_HSTL_CLASS_I
8 mA
tOP
1460
1531
3222
3424
3618
3625
ps
tDIP
1592
1670
3392
3618
3844
3844
ps
10 mA
tOP
1462
1534
3090
3279
3462
3469
ps
tDI P
1594
1673
3260
3473
3688
3688
ps
12 mA
(1)
tOP
1462
1534
3090
3279
3462
3469
ps
tDIP
1594
1673
3260
3473
3688
3688
ps
1.8V_DIFFERENTIAL
_HSTL_CLASS_II
16 mA
tOP
1449
1520
2936
3107
3271
3278
ps
tDIP
1581
1659
3106
3301
3497
3497
ps
18 mA
tOP
1450
1521
2924
3101
3272
3279
ps
tDI P
1582
1660
3094
3295
3498
3498
ps
20 mA
(1)
tOP
1452
1523
2926
3096
3259
3266
ps
tDIP
1584
1662
3096
3290
3485
3485
ps
1.5V_DIFFERENTIAL
_HSTL_CLASS_I
8 mA
tOP
1779
1866
4292
4637
4974
4981
ps
tDIP
1911
2005
4462
4831
5200
5200
ps
10 mA
tOP
1784
1872
4031
4355
4673
4680
ps
tDI P
1916
2011
4201
4549
4899
4899
ps
12 mA
(1)
tOP
1784
1872
4031
4355
4673
4680
ps
tDIP
1916
2011
4201
4549
4899
4899
ps
Table 5–42. Cyclone II I/O Output Delay for Column Pins (Part 5 of 6)
I/O Standard
Drive
Strength
Parameter
Fast Corner
–6
Speed
Grade
–7
Speed
Grade
(2)
–7
Speed
Grade
(3)
–8
Speed
Grade
Unit
Industrial/
Automotive
Commer
-cial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com