Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 133 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 133 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 129Page - Altera Corporation EP2C8A Datasheet HTML 130Page - Altera Corporation EP2C8A Datasheet HTML 131Page - Altera Corporation EP2C8A Datasheet HTML 132Page - Altera Corporation EP2C8A Datasheet HTML 133Page - Altera Corporation EP2C8A Datasheet HTML 134Page - Altera Corporation EP2C8A Datasheet HTML 135Page - Altera Corporation EP2C8A Datasheet HTML 136Page - Altera Corporation EP2C8A Datasheet HTML 137Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 168 page
background image
Altera Corporation
5–43
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Table 5–43. Cyclone II I/O Output Delay for Row Pins (Part 1 of 4)
I/O Standard
Drive
Strength
Parameter
Fast Corner
–6
Speed
Grade
–7
Speed
Grade
(2)
–7
Speed
Grade
(3)
–8
Speed
Grade
Unit
Industrial
/Auto-
motive
Commer-
cial
LVTTL
4 mA
tOP
1343
1408
2539
2694
2885
2891
ps
tDI P
1467
1540
2747
2931
3158
3158
ps
8 mA
tOP
1198
1256
2411
2587
2756
2762
ps
tDIP
1322
1388
2619
2824
3029
3029
ps
12 mA
tOP
1156
1212
2282
2452
2614
2620
ps
tDIP
1280
1344
2490
2689
2887
2887
ps
16 mA
tOP
1124
1178
2286
2455
2618
2624
ps
tDIP
1248
1310
2494
2692
2891
2891
ps
20 mA
tOP
1112
1165
2245
2413
2574
2580
ps
tDIP
1236
1297
2453
2650
2847
2847
ps
24 mA
(1)
tOP
1105
1158
2253
2422
2583
2589
ps
tDI P
1229
1290
2461
2659
2856
2856
ps
LVCMOS
4 mA
tOP
1200
1258
2231
2396
2555
2561
ps
tDIP
1324
1390
2439
2633
2828
2828
ps
8 mA
tOP
1125
1179
2260
2429
2591
2597
ps
tDIP
1249
1311
2468
2666
2864
2864
ps
12 mA
(1)
tOP
1106
1159
2217
2383
2543
2549
ps
tDI P
1230
1291
2425
2620
2816
2816
ps
2.5V
4 mA
tOP
1126
1180
2350
2477
2598
2604
ps
tDIP
1250
1312
2558
2714
2871
2871
ps
8 mA
(1)
tOP
1105
1158
2177
2296
2409
2415
ps
tDIP
1229
1290
2385
2533
2682
2682
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com