Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 137 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 137 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 133Page - Altera Corporation EP2C8A Datasheet HTML 134Page - Altera Corporation EP2C8A Datasheet HTML 135Page - Altera Corporation EP2C8A Datasheet HTML 136Page - Altera Corporation EP2C8A Datasheet HTML 137Page - Altera Corporation EP2C8A Datasheet HTML 138Page - Altera Corporation EP2C8A Datasheet HTML 139Page - Altera Corporation EP2C8A Datasheet HTML 140Page - Altera Corporation EP2C8A Datasheet HTML 141Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
Altera Corporation
5–47
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
= 1000 / (1000/toggle rate at default load + derating factor * load
value in pF/1000)
For example, the output toggle rate at 0 pF (default) load for SSTL-18
Class II 18mA I/O standard is 270 MHz on a –6 device column I/O pin.
The derating factor is 29 ps/pF. For a 10pF load, the toggle rate is
calculated as:
1000 / (1000/270 + 29 × 10/1000) = 250 (MHz)
Tables 5–44 through 5–46 show the I/O toggle rates for Cyclone II
devices.
Table 5–44. Maximum Input Clock Toggle Rate on Cyclone II Devices (Part 1 of 2)
I/O Standard
Maximum Input Clock Toggle Rate on Cyclone II Devices (MHz)
Column I/O Pins
Row I/O Pins
Dedicated Clock
Inputs
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
LVTTL
450
405
360
450
405
360
420
380
340
2.5V
450
405
360
450
405
360
450
405
360
1.8V
450
405
360
450
405
360
450
405
360
1.5V
300
270
240
300
270
240
300
270
240
LVCMOS
450
405
360
450
405
360
420
380
340
SSTL_2_CLASS_I
500
500
500
500
500
500
500
500
500
SSTL_2_CLASS_II
500
500
500
500
500
500
500
500
500
SSTL_18_CLASS_I
500
500
500
500
500
500
500
500
500
SSTL_18_CLASS_II
500
500
500
500
500
500
500
500
500
1.5V_HSTL_CLASS_I
500
500
500
500
500
500
500
500
500
1.5V_HSTL_CLASS_II
500
500
500
500
500
500
500
500
500
1.8V_HSTL_CLASS_I
500
500
500
500
500
500
500
500
500
1.8V_HSTL_CLASS_II
500
500
500
500
500
500
500
500
500
PCI
—
—
—
350
315
280
350
315
280
PCI-X
—
—
—
350
315
280
350
315
280
DIFFERENTIAL_SSTL_2_
CLASS_I
500
500
500
500
500
500
500
500
500
DIFFERENTIAL_SSTL_2_
CLASS_II
500
500
500
500
500
500
500
500
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com