Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 140 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 140 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 136Page - Altera Corporation EP2C8A Datasheet HTML 137Page - Altera Corporation EP2C8A Datasheet HTML 138Page - Altera Corporation EP2C8A Datasheet HTML 139Page - Altera Corporation EP2C8A Datasheet HTML 140Page - Altera Corporation EP2C8A Datasheet HTML 141Page - Altera Corporation EP2C8A Datasheet HTML 142Page - Altera Corporation EP2C8A Datasheet HTML 143Page - Altera Corporation EP2C8A Datasheet HTML 144Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 168 page
background image
5–50
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
SSTL_18_ CLASS_II
16 mA
260
220
180
—
—
————
18 mA
270
220
180
——
————
1.8V_HSTL_ CLASS_I
8 mA
260
220
180
260
220
180
260
220
180
10 mA
300
250
210
300
250
210
300
250
210
12 mA
320
270
220
320
270
220
320
270
220
1.8V_HSTL_ CLASS_II 16 mA
230
190
160
—
—
————
18 mA
240
200
160
——
————
20 mA
250
210
170
——
————
1.5V_HSTL_ CLASS_I
8 mA
210
170
140
210
170
140
210
170
140
10 mA
220
180
150
——
————
12 mA
230
190
160
——
————
1.5V_HSTL_ CLASS_II 16 mA
210
170
140
—
—
————
DIFFERENTIAL_
SSTL_2_CLASS_I
8 mA
400
340
280
400
340
280
400
340
280
12 mA
400
340
280
400
340
280
400
340
280
DIFFERENTIAL_
SSTL_2_CLASS_II
16 mA
350
290
240
350
290
240
350
290
240
20 mA
400
340
280
——
————
24 mA
400
340
280
——
————
DIFFERENTIAL_
SSTL_18_CLASS_I
6 mA
260
220
180
260
220
180
260
220
180
8 mA
260
220
180
260
220
180
260
220
180
10 mA
270
220
180
270
220
180
270
220
180
12 mA
280
230
190
——
————
DIFFERENTIAL_SSTL
_18_CLASS_II
16 mA
260
220
180
——
————
18 mA
270
220
180
——
————
1.8V_
DIFFERENTIAL_HSTL
_CLASS_I
8 mA
260
220
180
260
220
180
260
220
180
10 mA
300
250
210
300
250
210
300
250
210
12 mA
320
270
220
320
270
220
320
270
220
1.8V_
DIFFERENTIAL_HSTL
_CLASS_II
16 mA
230
190
160
——
————
18 mA
240
200
160
——
————
20 mA
250
210
170
——
————
Table 5–45. Maximum Output Clock Toggle Rate on Cyclone II Devices (Part 3 of 4)
I/O Standard
Drive
Strength
Maximum Output Clock Toggle Rate on Cyclone II Devices (MHz)
Column I/O Pins (1)
Row I/O Pins (1)
Dedicated Clock
Outputs
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com