Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 139 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 139 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 135Page - Altera Corporation EP2C8A Datasheet HTML 136Page - Altera Corporation EP2C8A Datasheet HTML 137Page - Altera Corporation EP2C8A Datasheet HTML 138Page - Altera Corporation EP2C8A Datasheet HTML 139Page - Altera Corporation EP2C8A Datasheet HTML 140Page - Altera Corporation EP2C8A Datasheet HTML 141Page - Altera Corporation EP2C8A Datasheet HTML 142Page - Altera Corporation EP2C8A Datasheet HTML 143Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 168 page
background image
Altera Corporation
5–49
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
LVCMOS
4 mA
250
210
170
250
210
170
250
210
170
8 mA
280
230
190
280
230
190
280
230
190
12 mA
310
260
210
310
260
210
310
260
210
16 mA
320
270
220
——
————
20 mA
350
290
240
——
————
24 mA
370
310
250
——
————
2.5V
4 mA
180
150
120
180
150
120
180
150
120
8 mA
280
230
190
280
230
190
280
230
190
12 mA
440
370
300
——
————
16 mA
450
405
350
——
————
1.8V
2 mA
120
100
80
120
100
80
120
100
80
4 mA
180
150
120
180
150
120
180
150
120
6 mA
220
180
150
220
180
150
220
180
150
8 mA
240
200
160
240
200
160
240
200
160
10 mA
300
250
210
300
250
210
300
250
210
12 mA
350
290
240
350
290
240
350
290
240
1.5V
2 mA
80
60
50
80
60
50
80
60
50
4 mA
130
110
90
130
110
90
130
110
90
6 mA
180
150
120
180
150
120
180
150
120
8 mA
230
190
160
——
————
SSTL_2_CLASS_I
8 mA
400
340
280
400
340
280
400
340
280
12 mA
400
340
280
400
340
280
400
340
280
SSTL_2_CLASS_II
16 mA
350
290
240
350
290
240
350
290
240
20 mA
400
340
280
——
————
24 mA
400
340
280
——
————
SSTL_18_
CLASS_I
6 mA
260
220
180
260
220
180
260
220
180
8 mA
260
220
180
260
220
180
260
220
180
10 mA
270
220
180
270
220
180
270
220
180
12 mA
280
230
190
——
————
Table 5–45. Maximum Output Clock Toggle Rate on Cyclone II Devices (Part 2 of 4)
I/O Standard
Drive
Strength
Maximum Output Clock Toggle Rate on Cyclone II Devices (MHz)
Column I/O Pins (1)
Row I/O Pins (1)
Dedicated Clock
Outputs
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com