Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 142 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 142 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 138Page - Altera Corporation EP2C8A Datasheet HTML 139Page - Altera Corporation EP2C8A Datasheet HTML 140Page - Altera Corporation EP2C8A Datasheet HTML 141Page - Altera Corporation EP2C8A Datasheet HTML 142Page - Altera Corporation EP2C8A Datasheet HTML 143Page - Altera Corporation EP2C8A Datasheet HTML 144Page - Altera Corporation EP2C8A Datasheet HTML 145Page - Altera Corporation EP2C8A Datasheet HTML 146Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 168 page
background image
5–52
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
Table 5–46. Maximum Output Clock Toggle Rate Derating Factors (Part 1 of 4)
I/O Standard
Drive
Strength
Maximum Output Clock Toggle Rate Derating Factors (ps/pF)
Column I/O Pins
Row I/O Pins
Dedicated Clock
Outputs
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
LVTTL
4 mA
438
439
439
338
362
387
338
362
387
8 mA
306
321
336
267
283
299
267
283
299
12 mA
139
179
220
193
198
202
193
198
202
16 mA
145
158
172
139
147
156
139
147
156
20 mA
65
77
90
74
79
84
74
79
84
24 mA
19
20
21
14
18
22
14
18
22
LVCMOS
4 mA
298
305
313
197
205
214
197
205
214
8 mA
190
205
219
112
118
125
112
118
125
12 mA
43
72
101
27
31
35
27
31
35
16 mA
87
99
110
——————
20 mA
36
46
56
——————
24 mA
24
25
27
——————
2.5V
4 mA
228
233
237
270
306
343
270
306
343
8 mA
173
177
180
191
199
208
191
199
208
12 mA
119
121
123
——————
16 mA
64
65
66
——————
1.8V
2 mA
452
457
461
332
367
403
332
367
403
4 mA
321
347
373
244
291
337
244
291
337
6 mA
227
255
283
178
222
266
178
222
266
8 mA
37
118
199
58
133
207
58
133
207
10 mA
41
72
103
46
85
123
46
85
123
12 mA
7
8
10
13
28
44
13
28
44
1.5V
2 mA
738
764
789
540
604
669
540
604
669
4 mA
499
518
536
300
354
408
300
354
408
6 mA
261
271
282
60
103
146
60
103
146
8 mA
22
25
29
——————
SSTL_2_CLASS_I
8 mA
46
47
49
25
40
56
25
40
56
12 mA
67
69
70
23
42
60
23
42
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com