| Electronic Components Datasheet Search |
|
EP2C8A Datasheet(PDF) 145 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C8A Datasheet(HTML) 145 Page - Altera Corporation |
|
145 / 168 page ![]() Altera Corporation 5–55 February 2008 Cyclone II Device Handbook, Volume 1 DC Characteristics and Timing Specifications High Speed I/O Timing Specifications The timing analysis for LVDS, mini-LVDS, and RSDS is different compared to other I/O standards because the data communication is source-synchronous. You should also consider board skew, cable skew, and clock jitter in your calculation. This section provides details on the timing parameters for high-speed I/O standards in Cyclone II devices. Table 5–47 defines the parameters of the timing diagram shown in Figure 5–3. SSTL_2_CLASS_I OCT_50 _OHMS 67 69 70 25 42 60 25 42 60 SSTL_18_CLASS_I OCT_50 _OHMS 30 33 36 47 49 51 47 49 51 Table 5–46. Maximum Output Clock Toggle Rate Derating Factors (Part 4 of 4) I/O Standard Drive Strength Maximum Output Clock Toggle Rate Derating Factors (ps/pF) Column I/O Pins Row I/O Pins Dedicated Clock Outputs –6 Speed Grade –7 Speed Grade –8 Speed Grade –6 Speed Grade –7 Speed Grade –8 Speed Grade –6 Speed Grade –7 Speed Grade –8 Speed Grade Table 5–47. High-Speed I/O Timing Definitions (Part 1 of 2) Parameter Symbol Description High-speed clock fHSCKLK High-speed receiver and transmitter input and output clock frequency. Duty cycle tDUTY Duty cycle on high-speed transmitter output clock. High-speed I/O data rate HSIODR High-speed receiver and transmitter input and output data rate. Time unit interval TUI TUI = 1/HSIODR. Channel-to-channel skew TCCS The timing difference between the fastest and slowest output edges, including tCO variation and clock skew. The clock is included in the TCCS measurement. TCCS = TUI – SW – (2 × RSKM) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |