Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 148 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 148 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 144Page - Altera Corporation EP2C8A Datasheet HTML 145Page - Altera Corporation EP2C8A Datasheet HTML 146Page - Altera Corporation EP2C8A Datasheet HTML 147Page - Altera Corporation EP2C8A Datasheet HTML 148Page - Altera Corporation EP2C8A Datasheet HTML 149Page - Altera Corporation EP2C8A Datasheet HTML 150Page - Altera Corporation EP2C8A Datasheet HTML 151Page - Altera Corporation EP2C8A Datasheet HTML 152Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 168 page
background image
5–58
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
In order to determine the transmitter timing requirements, RSDS receiver
timing requirements on the other end of the link must be taken into
consideration. RSDS receiver timing parameters are typically defined as
tSU and tH requirements. Therefore, the transmitter timing parameter
specifications are tCO (minimum) and tCO (maximum). Refer to Figure 5–4
for the timing budget.
The AC timing requirements for RSDS are shown in Figure 5–5.
TCCS
—
—
—
200
—
—
200
—
—
200
ps
Output
jitter (peak
to peak)
—
—
—
500
—
—
500
—
—
500
ps
tRISE
20–80%,
CLOAD = 5 pF
—
500
—
—
500
—
—
500
—
ps
tFALL
80–20%,
CLOAD = 5 pF
—
500
—
—
500
—
—
500
—
ps
tLOCK
—
—
100
—
100
—
—
100
μs
Note to Table 5–48:
(1)
These specifications are for a three-resistor RSDS implementation. For single-resistor RSDS in ×10 through ×2
modes, the maximum data rate is 170 Mbps and the corresponding maximum input clock frequency is 85 MHz.
For single-resistor RSDS in ×1 mode, the maximum data rate is 170 Mbps, and the maximum input clock frequency
is 170 MHz. For more information about the different RSDS implementations, refer to the High-Speed Differential
Interfaces in Cyclone II Devices chapter of the Cyclone II Device Handbook.
Table 5–48. RSDS Transmitter Timing Specification (Part 2 of 2)
Symbol
Conditions
–6 Speed Grade
–7 Speed Grade
–8 Speed Grade
Unit
Min
Typ
Max(1)
Min
Typ
Max(1)
Min
Typ
Max(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com