Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 149 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 149 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 145Page - Altera Corporation EP2C8A Datasheet HTML 146Page - Altera Corporation EP2C8A Datasheet HTML 147Page - Altera Corporation EP2C8A Datasheet HTML 148Page - Altera Corporation EP2C8A Datasheet HTML 149Page - Altera Corporation EP2C8A Datasheet HTML 150Page - Altera Corporation EP2C8A Datasheet HTML 151Page - Altera Corporation EP2C8A Datasheet HTML 152Page - Altera Corporation EP2C8A Datasheet HTML 153Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 168 page
background image
Altera Corporation
5–59
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Figure 5–5. RSDS Transmitter Clock to Data Relationship
Table 5–49 shows the mini-LVDS transmitter timing budget for Cyclone II
devices at 311 Mbps. Cyclone II devices cannot receive mini-LVDS data
because the devices are intended for applications where they will be
driving display drivers. A maximum mini-LVDS data rate of 311 Mbps is
supported for Cyclone II devices using DDIO registers. Cyclone II
devices support mini-LVDS only in the commercial temperature range.
Transmitter
Valid
Data
Transmitter
Valid
Data
Valid
Data
Total
Skew
Valid
Data
tSU (2 ns)
tH (2 ns)
Channel-to-Channel
Skew (1.68 ns)
Transmitter
Clock (5.88 ns)
At transmitter
tx_data[11..0]
At receiver
rx_data[11..0]
Table 5–49. Mini-LVDS Transmitter Timing Specification (Part 1 of 2)
Symbol
Conditions
–6 Speed Grade
–7 Speed Grade
–8 Speed Grade
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fHSCLK
(input
clock
frequency)
×10
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×8
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×7
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×4
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×2
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×1
10
—
311
10
—
311
10
—
311
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com