Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 152 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 152 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 148Page - Altera Corporation EP2C8A Datasheet HTML 149Page - Altera Corporation EP2C8A Datasheet HTML 150Page - Altera Corporation EP2C8A Datasheet HTML 151Page - Altera Corporation EP2C8A Datasheet HTML 152Page - Altera Corporation EP2C8A Datasheet HTML 153Page - Altera Corporation EP2C8A Datasheet HTML 154Page - Altera Corporation EP2C8A Datasheet HTML 155Page - Altera Corporation EP2C8A Datasheet HTML 156Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 168 page
background image
5–62
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
tFALL
80–20%
150
200
250
150
200
250
150
200
250 (11)
ps
tLOCK
——
—
100
——
100
——
100 (12)
μs
Notes to Table 5–50:
(1)
The maximum data rate that complies with duty cycle distortion of 45–55%.
(2)
The maximum data rate when taking duty cycle in absolute ps into consideration that may not comply with 45–55%
duty cycle distortion. If the downstream receiver can handle duty cycle distortion beyond the 45–55% range, you
may use the higher data rate values from this column. You can calculate the duty cycle distortion as a percentage
using the absolute ps value. For example, for a data rate of 640 Mbps (UI = 1562.5 ps) and a tDUTY of 250 ps, the
duty cycle distortion is ± tDUTY/(UI*2) *100% = ± 250 ps/(1562.5 *2) * 100% = ± 8%, which gives you a duty cycle
distortion of 42–58%.
(3)
The TCCS specification applies to the entire bank of LVDS, as long as the SERDES logic is placed within the LAB
adjacent to the output pins.
(4)
For extended temperature devices, the maximum input clock frequency for ×10 through ×2 modes is 137.5 MHz.
(5)
For extended temperature devices, the maximum data rate for ×10 through ×2 modes is 275 Mbps.
(6)
For extended temperature devices, the maximum input clock frequency for ×10 through ×2 modes is 200 MHz.
(7)
For extended temperature devices, the maximum data rate for ×10 through ×2 modes is 400 Mbps.
(8)
For extended temperature devices, the maximum input clock frequency for ×1 mode is 340 MHz.
(9)
For extended temperature devices, the maximum data rate for ×1 mode is 340 Mbps.
(10) For extended temperature devices, the maximum output jitter (peak to peak) is 600 ps.
(11) For extended temperature devices, the maximum tRISE and tFALL are 300 ps.
(12) For extended temperature devices, the maximum lock time is 500 us.
Table 5–50. LVDS Transmitter Timing Specification (Part 2 of 2)
Symbol
Conditions
–6 Speed Grade
–7 Speed Grade
–8 Speed Grade
Unit
Min
Typ
Max
(1)
Max
(2)
Min
Typ
Max
(1)
Max
(2)
Min
Typ
Max
(1)
Max
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com