Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 150 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 150 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 146Page - Altera Corporation EP2C8A Datasheet HTML 147Page - Altera Corporation EP2C8A Datasheet HTML 148Page - Altera Corporation EP2C8A Datasheet HTML 149Page - Altera Corporation EP2C8A Datasheet HTML 150Page - Altera Corporation EP2C8A Datasheet HTML 151Page - Altera Corporation EP2C8A Datasheet HTML 152Page - Altera Corporation EP2C8A Datasheet HTML 153Page - Altera Corporation EP2C8A Datasheet HTML 154Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 168 page
background image
5–60
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
In order to determine the transmitter timing requirements, mini-LVDS
receiver timing requirements on the other end of the link must be taken
into consideration. The mini-LVDS receiver timing parameters are
typically defined as tSU and tH requirements. Therefore, the transmitter
timing parameter specifications are tCO (minimum) and tCO (maximum).
Refer to Figure 5–4 for the timing budget.
The AC timing requirements for mini-LVDS are shown in Figure 5–6.
Figure 5–6. mini-LVDS Transmitter AC Timing Specification
Notes to Figure 5–6:
(1)
The data setup time, tSU, is 0.225 × TUI.
(2)
The data hold time, tH, is 0.225 × TUI.
Device
operation
in Mbps
×10
100
—
311
100
—
311
100
—
311
Mbps
×8
80
—
311
80
—
311
80
—
311
Mbps
×7
70
—
311
70
—
311
70
—
311
Mbps
×4
40
—
311
40
—
311
40
—
311
Mbps
×2
20
—
311
20
—
311
20
—
311
Mbps
×1
10
—
311
10
—
311
10
—
311
Mbps
tDUTY
—
45
—
55
45
—
55
45
—
55
%
TCCS
—
—
—
200
—
—
200
—
—
200
ps
Output
jitter (peak
to peak)
—
—
—
500
—
—
500
—
—
500
ps
tRISE
20–80%
—
—
500
—
—
500
—
—
500
ps
tFALL
80–20%
—
—
500
—
—
500
—
—
500
ps
tLOCK
—
—
100
—
—
100
—
—
100
μs
Table 5–49. Mini-LVDS Transmitter Timing Specification (Part 2 of 2)
Symbol
Conditions
–6 Speed Grade
–7 Speed Grade
–8 Speed Grade
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tSU (1)
tH (2)
TUI
tSU (1)
tH (2)
LVDSCLK[]n
LVDSCLK[]p
LVDS[]p
LVDS[]n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com