Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 147 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 147 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 143Page - Altera Corporation EP2C8A Datasheet HTML 144Page - Altera Corporation EP2C8A Datasheet HTML 145Page - Altera Corporation EP2C8A Datasheet HTML 146Page - Altera Corporation EP2C8A Datasheet HTML 147Page - Altera Corporation EP2C8A Datasheet HTML 148Page - Altera Corporation EP2C8A Datasheet HTML 149Page - Altera Corporation EP2C8A Datasheet HTML 150Page - Altera Corporation EP2C8A Datasheet HTML 151Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 168 page
background image
Altera Corporation
5–57
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Figure 5–4. High-Speed I/O Timing Budget
Note (1)
Note to Figure 5–4:
(1)
The equation for the high-speed I/O timing budget is:
period = TCCS + RSKM + SW + RSKM.
Table 5–48 shows the RSDS timing budget for Cyclone II devices at
311 Mbps. RSDS is supported for transmitting from Cyclone II devices.
Cyclone II devices cannot receive RSDS data because the devices are
intended for applications where they will be driving display drivers.
Cyclone II devices support a maximum RSDS data rate of 311 Mbps using
DDIO registers. Cyclone II devices support RSDS only in the commercial
temperature range.
Internal Clock Period
RSKM
0.5
× TCCS
RSKM
0.5
× TCCS
SW
Table 5–48. RSDS Transmitter Timing Specification (Part 1 of 2)
Symbol
Conditions
–6 Speed Grade
–7 Speed Grade
–8 Speed Grade
Unit
Min
Typ
Max(1)
Min
Typ
Max(1)
Min
Typ
Max(1)
fHSCLK
(input
clock
frequency)
×10
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×8
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×7
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×4
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×2
10
—
155.5
10
—
155.5
10
—
155.5
MHz
×1
10
—
311
10
—
311
10
—
311
MHz
Device
operation
in Mbps
×10
100
—
311
100
—
311
100
—
311
Mbps
×8
80
—
311
80
—
311
80
—
311
Mbps
×7
70
—
311
70
—
311
70
—
311
Mbps
×4
40
—
311
40
—
311
40
—
311
Mbps
×2
20
—
311
20
—
311
20
—
311
Mbps
×1
10
—
311
10
—
311
10
—
311
Mbps
tDUTY
—
45
—
55
45
—
55
45
—
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com