Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 151 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 151 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 147Page - Altera Corporation EP2C8A Datasheet HTML 148Page - Altera Corporation EP2C8A Datasheet HTML 149Page - Altera Corporation EP2C8A Datasheet HTML 150Page - Altera Corporation EP2C8A Datasheet HTML 151Page - Altera Corporation EP2C8A Datasheet HTML 152Page - Altera Corporation EP2C8A Datasheet HTML 153Page - Altera Corporation EP2C8A Datasheet HTML 154Page - Altera Corporation EP2C8A Datasheet HTML 155Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 168 page
background image
Altera Corporation
5–61
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Tables 5–50 and 5–51 show the LVDS timing budget for Cyclone II
devices. Cyclone II devices support LVDS receivers at data rates up to
805 Mbps, and LVDS transmitters at data rates up to 640 Mbps.
Table 5–50. LVDS Transmitter Timing Specification (Part 1 of 2)
Symbol
Conditions
–6 Speed Grade
–7 Speed Grade
–8 Speed Grade
Unit
Min
Typ
Max
(1)
Max
(2)
Min
Typ
Max
(1)
Max
(2)
Min
Typ
Max
(1)
Max
(2)
fHSCLK
(input
clock
fre-
quency)
×10
10
—
320
320
10
—
275
320
10
—
155.5
(4)
320
(6)
MHz
×8
10
—
320
320
10
—
275
320
10
—
155.5
(4)
320
(6)
MHz
×7
10
—
320
320
10
—
275
320
10
—
155.5
(4)
320
(6)
MHz
×4
10
—
320
320
10
—
275
320
10
—
155.5
(4)
320
(6)
MHz
×2
10
—
320
320
10
—
275
320
10
—
155.5
(4)
320
(6)
MHz
×1
10
—
402.5
402.5
10
—
402.5
402.5
10
—
402.5
(8)
402.5
(8)
MHz
HSIODR
×10
100
—
640
640
100
—
550
640
100
—
311
(5)
550
(7)
Mbps
×8
80
—
640
640
80
—
550
640
80
—
311
(5)
550
(7)
Mbps
×7
70
—
640
640
70
—
550
640
70
—
311
(5)
550
(7)
Mbps
×4
40
—
640
640
40
—
550
640
40
—
311
(5)
550
(7)
Mbps
×2
20
—
640
640
20
—
550
640
20
—
311
(5)
550
(7)
Mbps
×1
10
—
402.5
402.5
10
—
402.5
402.5
10
—
402.5
(9)
402.5
(9)
Mbps
tDUTY
—
45
—
55
—
45
—
55
—
45
—
55
—
%
—
———
160
———
312.5
———
363.6
ps
TCCS
(3)
——
—
200
——
200
——
200
ps
Output
jitter
(peak to
peak)
——
—
500
——
500
——
550 (10)
ps
tRISE
20–80%
150
200
250
150
200
250
150
200
250 (11)
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com