Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 134 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 134 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 130Page - Altera Corporation EP2C8A Datasheet HTML 131Page - Altera Corporation EP2C8A Datasheet HTML 132Page - Altera Corporation EP2C8A Datasheet HTML 133Page - Altera Corporation EP2C8A Datasheet HTML 134Page - Altera Corporation EP2C8A Datasheet HTML 135Page - Altera Corporation EP2C8A Datasheet HTML 136Page - Altera Corporation EP2C8A Datasheet HTML 137Page - Altera Corporation EP2C8A Datasheet HTML 138Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 168 page
background image
5–44
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
1.8V
2 mA
tOP
1503
1576
3657
3927
4190
4196
ps
tDI P
1627
1708
3865
4164
4463
4463
ps
4 mA
tOP
1400
1468
3010
3226
3434
3440
ps
tDIP
1524
1600
3218
3463
3707
3707
ps
6 mA
tOP
1388
1455
2857
3050
3236
3242
ps
tDIP
1512
1587
3065
3287
3509
3509
ps
8 mA
tOP
1347
1412
2714
2897
3072
3078
ps
tDIP
1471
1544
2922
3134
3345
3345
ps
10 mA
tOP
1347
1412
2714
2897
3072
3078
ps
tDIP
1471
1544
2922
3134
3345
3345
ps
12 mA
(1)
tOP
1332
1396
2678
2856
3028
3034
ps
tDI P
1456
1528
2886
3093
3301
3301
ps
1.5V
2 mA
tOP
1853
1943
4127
4492
4849
4855
ps
tDIP
1977
2075
4335
4729
5122
5122
ps
4 mA
tOP
1694
1776
3452
3747
4036
4042
ps
tDIP
1818
1908
3660
3984
4309
4309
ps
6 mA (1)
tOP
1694
1776
3452
3747
4036
4042
ps
tDI P
1818
1908
3660
3984
4309
4309
ps
SSTL_2_
CLASS_I
8 mA
tOP
1090
1142
2152
2268
2376
2382
ps
tDIP
1214
1274
2360
2505
2649
2649
ps
12 mA
(1)
tOP
1097
1150
2131
2246
2354
2360
ps
tDIP
1221
1282
2339
2483
2627
2627
ps
SSTL_2_
CLASS_II
16 mA
(1)
tOP
1068
1119
2067
2177
2281
2287
ps
tDI P
1192
1251
2275
2414
2554
2554
ps
SSTL_18_
CLASS_I
6 mA
tOP
1371
1437
2828
3018
3200
3206
ps
tDIP
1495
1569
3036
3255
3473
3473
ps
8 mA
tOP
1365
1431
2832
3024
3209
3215
ps
tDIP
1489
1563
3040
3261
3482
3482
ps
10 mA
(1)
tOP
1374
1440
2806
2990
3167
3173
ps
tDI P
1498
1572
3014
3227
3440
3440
ps
Table 5–43. Cyclone II I/O Output Delay for Row Pins (Part 2 of 4)
I/O Standard
Drive
Strength
Parameter
Fast Corner
–6
Speed
Grade
–7
Speed
Grade
(2)
–7
Speed
Grade
(3)
–8
Speed
Grade
Unit
Industrial
/Auto-
motive
Commer-
cial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com