Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 129 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 129 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 125Page - Altera Corporation EP2C8A Datasheet HTML 126Page - Altera Corporation EP2C8A Datasheet HTML 127Page - Altera Corporation EP2C8A Datasheet HTML 128Page - Altera Corporation EP2C8A Datasheet HTML 129Page - Altera Corporation EP2C8A Datasheet HTML 130Page - Altera Corporation EP2C8A Datasheet HTML 131Page - Altera Corporation EP2C8A Datasheet HTML 132Page - Altera Corporation EP2C8A Datasheet HTML 133Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 168 page
background image
Altera Corporation
5–39
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
SSTL_2_
CLASS_I
8 mA
tOP
1196
1254
2388
2516
2638
2645
ps
tDIP
1328
1393
2558
2710
2864
2864
ps
12 mA
(1)
tOP
1174
1231
2277
2401
2518
2525
ps
tDIP
1306
1370
2447
2595
2744
2744
ps
SSTL_2_
CLASS_II
16 mA
tOP
1158
1214
2245
2365
2479
2486
ps
tDI P
1290
1353
2415
2559
2705
2705
ps
20 mA
tOP
1152
1208
2231
2351
2464
2471
ps
tDIP
1284
1347
2401
2545
2690
2690
ps
24 mA
(1)
tOP
1152
1208
2225
2345
2458
2465
ps
tDI P
1284
1347
2395
2539
2684
2684
ps
SSTL_18_
CLASS_I
6 mA
tOP
1472
1544
3140
3345
3542
3549
ps
tDIP
1604
1683
3310
3539
3768
3768
ps
8 mA
tOP
1469
1541
3086
3287
3482
3489
ps
tDIP
1601
1680
3256
3481
3708
3708
ps
10 mA
tOP
1466
1538
2980
3171
3354
3361
ps
tDI P
1598
1677
3150
3365
3580
3580
ps
12 mA
(1)
tOP
1466
1538
2980
3171
3354
3361
ps
tDIP
1598
1677
3150
3365
3580
3580
ps
SSTL_18_
CLASS_II
16 mA
tOP
1454
1525
2905
3088
3263
3270
ps
tDIP
1586
1664
3075
3282
3489
3489
ps
18 mA
(1)
tOP
1453
1524
2900
3082
3257
3264
ps
tDI P
1585
1663
3070
3276
3483
3483
ps
1.8V_HSTL_
CLASS_I
8 mA
tOP
1460
1531
3222
3424
3618
3625
ps
tDIP
1592
1670
3392
3618
3844
3844
ps
10 mA
tOP
1462
1534
3090
3279
3462
3469
ps
tDIP
1594
1673
3260
3473
3688
3688
ps
12 mA
(1)
tOP
1462
1534
3090
3279
3462
3469
ps
tDI P
1594
1673
3260
3473
3688
3688
ps
Table 5–42. Cyclone II I/O Output Delay for Column Pins (Part 3 of 6)
I/O Standard
Drive
Strength
Parameter
Fast Corner
–6
Speed
Grade
–7
Speed
Grade
(2)
–7
Speed
Grade
(3)
–8
Speed
Grade
Unit
Industrial/
Automotive
Commer
-cial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com