Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 67 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 67 Page - ams AG

Back Button AS3658 Datasheet HTML 63Page - ams AG AS3658 Datasheet HTML 64Page - ams AG AS3658 Datasheet HTML 65Page - ams AG AS3658 Datasheet HTML 66Page - ams AG AS3658 Datasheet HTML 67Page - ams AG AS3658 Datasheet HTML 68Page - ams AG AS3658 Datasheet HTML 69Page - ams AG AS3658 Datasheet HTML 70Page - ams AG AS3658 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
66 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
5
ntc_high_temp
ROM
R/W
Selects the high temp level:
0
45 º maximum temp
1
50º maximum temp
Low temp is always 0º
6
ntc_hyst
ROM
R/W
Selects the NTC temperature hysteresis
0
2º hysteresis
1
1º hysteresis
7
ntc_type
ROM
R/W
Select the NTC resistor type
010k
Ω NTC resistor
1
100k
Ω NTC resistor
Table 60. FuelGauge
Addr:15
FuelGauge
This bit controls first startup out of power on reset
Bit
Bit Name
Default Access
Description
7:6
ntc_on
ROM
R/W
00
Disable NTC supervision
01
Enable NTC supervision
10
Enable NTC for ADC measurement high temp
11
Enable NTC for ADC measurement low temp
Table 59. Charger supervision bit definitions
Addr:14
Charger supervision
These bits define charging timer and battery temp. supervision settings
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com