Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 71 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 71 Page - ams AG

Back Button AS3658 Datasheet HTML 67Page - ams AG AS3658 Datasheet HTML 68Page - ams AG AS3658 Datasheet HTML 69Page - ams AG AS3658 Datasheet HTML 70Page - ams AG AS3658 Datasheet HTML 71Page - ams AG AS3658 Datasheet HTML 72Page - ams AG AS3658 Datasheet HTML 73Page - ams AG AS3658 Datasheet HTML 74Page - ams AG AS3658 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
70 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.11.2 Step Down DC/DC Converter Characteristics
Figure 27. Step Down DC/DC Converter Block diagram
Functional Description
The step-down converter is a high efficiency fixed frequency current mode regulator. By using low resistance internal
PMOS and NMOS switches efficiency up to 95% can be achieved. The fast switching frequency allows using small
inductors, without increasing the current ripple. The unique feedback and regulation circuit guarantees optimum load
and line regulation over the whole output voltage range, up to an output current of 500mA, with an output capacitor of
only 10µF. The implemented current limitation protects the DCDC and the coil during overload condition.
To allow optimized performance in different applications, there are bit settings possible, to get the best compromise
between high efficiency and low input, output ripple:
Low ripple, low noise operation:
Bit settings:
sdX_dis_curmin=1
In this mode there is no minimum coil current necessary before switching off the PMOS. As result, the ON time of the
PMOS will be reduced down to tmin_on at no or light load conditions, even if the coil current is very small or the coil
current is inverted. This results in a very low ripple and noise, but decreased efficiency, at light loads, especially at low
input to output voltage differences. Because of the inverted coil current in that case the regulator will not operate in
pulse skip mode.


!"
# # $%
&
&
!
'
(
) *+,
'-.
/
$
,
&

' (0
12
$
#
,/0 4546

!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com