Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 59 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 59 Page - ams AG

Back Button AS3658 Datasheet HTML 55Page - ams AG AS3658 Datasheet HTML 56Page - ams AG AS3658 Datasheet HTML 57Page - ams AG AS3658 Datasheet HTML 58Page - ams AG AS3658 Datasheet HTML 59Page - ams AG AS3658 Datasheet HTML 60Page - ams AG AS3658 Datasheet HTML 61Page - ams AG AS3658 Datasheet HTML 62Page - ams AG AS3658 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
58 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.9.2 Fuel Gauge
The fuel gauge circuit enables remaining capacity estimation of the battery by tracking the net current flow into and out
of the battery using a voltage-to-frequency converter.
Voltage-to-Frequency Converter
The voltage-to-frequency (VFC) converter constantly monitors the voltage drop across an external current sense
resistor Rsense connected in series between the negative battery terminal and ground. The use of an additional
external RC lowpass filter is highly recommended. Using two 4.7k
Ω resistors (Rfilt1,2) and a 1µF ceramic capacitor
(Cfilt), the filter cut-off is approximately 16.9 Hz. This filter will capture the effect of most spikes, and will thus allow the
current accumulators to accurately reflect the total charge that has gone into or out of the battery.
Table 49.
Charger Config Register
Addr:13
Charger Config
These bits configure the charger
Bit
Bit Name
Default Access
Description
2:0
ChVoltEOC
ROM
Sets the end-of-charge voltage level VCHOFF.
000b
3.90V
001b
3.95V
010b
4.00V
011b
4.05V
100b
4.10V
101b
4.15V
110b
4.20V
111b
4.25V
4:3
Vsupply_min
ROM
Regulate down battery charging current on that level of
Vsupply during trickle charging and/or linear charging, to
prevent voltage drop on vsupply:
00b
3.90V
01b
3.60V
10b
4.20V
11b
4.50V
7:5
ChVoltResume
ROM
Sets the resume voltage level VCHRES
000b
3.85V
001b
3.90V
010b
3.95V
011b
4.00V
100b
4.05V
101b
4.10V
110b
4.15V
111b
4.20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com