Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 31 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 31 Page - ams AG

Back Button AS3658 Datasheet HTML 27Page - ams AG AS3658 Datasheet HTML 28Page - ams AG AS3658 Datasheet HTML 29Page - ams AG AS3658 Datasheet HTML 30Page - ams AG AS3658 Datasheet HTML 31Page - ams AG AS3658 Datasheet HTML 32Page - ams AG AS3658 Datasheet HTML 33Page - ams AG AS3658 Datasheet HTML 34Page - ams AG AS3658 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
30 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.3
General Purpose Input / Output (CURR1_GPIO1 … CURR4_GPIO4)
Figure 9. CURR1_GPIO1 … CURR4_GPIO4 block diagram
The device contains 4 high current GPIO pins, which share the same pins as the low voltage current sinks and are
capable of sinking 100mA from VCURR_GPIO voltage. Each of the pins can be configured as open drain NMOS or
push-pull output with VCURR_GPIO high levels, as high impedance output or as digital input. When configured as
output the output source can be a register bit, or the PWM generator, furthermore the output signal can be inverted.
Integrated active clamp circuits can be enabled for the open drain NMOS output mode by setting GPIOxPulls=11b,
thus allowing to use the high current GPIO pins for driving inductive loads. A pull-up resistor to VCURR_GPIO can be
enabled for the open drain NMOS output mode by setting GPIOxPulls=10b. When configured as digital input the logic
level (GPIOxInvert=’0’) or the inverted logic level (GPIOxInvert=’1’) of the pin is reflected by bit GPIOxBit in the GPIO
Bit register.




!
" #

$
#%
&" #
&&

& !
&'
&
(
))
*
+ 
& !
, + 
& ! ,

,
,
- + 
& ! -

-
-
. + 
& ! .

.
.
/ 0
# 1
(
&'
/ 2$%$$
% ((
3 4 (
-%
.5
0
" # 
"

"
( !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com