Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 10 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 10 Page - ams AG

Back Button AS3658 Datasheet HTML 6Page - ams AG AS3658 Datasheet HTML 7Page - ams AG AS3658 Datasheet HTML 8Page - ams AG AS3658 Datasheet HTML 9Page - ams AG AS3658 Datasheet HTML 10Page - ams AG AS3658 Datasheet HTML 11Page - ams AG AS3658 Datasheet HTML 12Page - ams AG AS3658 Datasheet HTML 13Page - ams AG AS3658 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
9 - 157
AS3658
Data Sheet Confidential - Pin Assignmen ts
DCDC_GATE2
G2
A
VSUPPLY Step up DC/DC converter2 control for external mosfet
DCDC_FB2
J4
A
VSUPPLY Step up DC/DC converter2 feedback input
Linear Regulators (LDOs)
VRF1_IN
P9
P
VSUPPLY
Supply Pad for RF1 LDO (VRF_1), always connect to
Supply>3.0V
VRF_1
P10
A
VRF1_IN
Output voltage of one of the RF LDO’s; can be used as High-
Side Switch, if used as LDO connect a ceramic capacitor of
1µF (±20%) or 2.2µF (+100%/-50%)
VRF23_IN
P11
P
VSUPPLY
Supply Pad for RF2 and RF3 LDO (VRF_2, VRF_3), always
connect to Supply>3.0V
VRF_2
N10
A
VRF23_IN
Output voltage of one of the RF LDO’s; can be used as High-
Side Switch, if used as LDO connect a ceramic capacitor of
1µF (±20%) or 2.2µF (+100%/-50%)
VRF_3
P12
A
VRF23_IN
Output voltage of one of the RF LDO’s; can be used as High-
Side Switch, if used as LDO connect a ceramic capacitor of
1µF (±20%) or 2.2µF (+100%/-50%)
VDIG1_IN
A10
P
VSUPPLY Supply Pad for DIG1 LDO (VDIG_1)
VDIG_1
B10
A
VDIG1_IN
Output voltage of one of the DIG LDO’s. Connect a ceramic
capacitor of 1µF (±20%) or 2.2µF (+100%/-50%)
VDIG2_IN
B9
P
VSUPPLY Supply Pad for DIG2 LDO (VDIG_2)
VDIG_2
B8
A
VDIG2_IN
Output voltage of one of the DIG LDO’s. Connect a ceramic
capacitor of 1µF (±20%) or 2.2µF (+100%/-50%)
VDIG34_IN
A9
P
VSUPPLY Supply Pad for DIG3 and DIG4 LDO (VDIG_3, VDIG_4)
VDIG_3
D8
A
VDIG3_IN
Output voltage of one of the DIG LDO’s. Connect a ceramic
capacitor of 1µF (±20%) or 2.2µF (+100%/-50%)
VDIG_4
D7
A
VDIG4_IN
Output voltage of one of the DIG LDO’s. Connect a ceramic
capacitor of 1µF (±20%) or 2.2µF (+100%/-50%)
Charge Pump
VCP_IN
B7
P
VSUPPLY
Supply Pad for Charge Pump, always connect to
Supply>3.0V
VCP_N
A6
A
VSUPPLY HVS charge pump flying capacitor positive side
VCP_P
A7
A
HVS charge pump flying capacitor negative side
VCP_OUT
A8
A
Charge pump output, connect a ceramic capacitor of 2.2µF
(+100%/-50%)
VSS_CP
B6
A
VSUPPLY Ground pad of charge pump
DCDC Step Down Converters
PGATE1
N1
A
VSUPPLY Gate output for external PMOS.(DCDC step down controller 1)
VSUPPLY_1
K1
P
Supply Pad for DCDC_Step down converter1, always connect
to VSUPPLY
LX1
L1
A
VSUPPLY DC/DC step down converter1 output
FB1
K4
A
VSUPPLY DC/DC step down converter1 feedback
PGND1
M1
A
VSUPPLY Power Ground of DCDC step down converter1
Table 2. Pin list CTBGA124, 8x8MM (AS3658)
Pin Name
Pin
Number
Pin
Type
Supply
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com