Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 43 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 43 Page - ams AG

Back Button AS3658 Datasheet HTML 39Page - ams AG AS3658 Datasheet HTML 40Page - ams AG AS3658 Datasheet HTML 41Page - ams AG AS3658 Datasheet HTML 42Page - ams AG AS3658 Datasheet HTML 43Page - ams AG AS3658 Datasheet HTML 44Page - ams AG AS3658 Datasheet HTML 45Page - ams AG AS3658 Datasheet HTML 46Page - ams AG AS3658 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
42 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.6
Battery switch SINT (Vsupply, Battery)
Figure 13. Battery Switch Diagram
The internal Battery switch enables normal operation of the System during trickle charging of a deeply discharged
battery.
The Switch provides the following functions:
Trickle charging, if VBAT is smaller than ResVolt. The current is defined in TrickleCurrent[1:0]
PMOS is switched on if VBAT is greater then ResVolt.
Constant current charging, if the external charger is in linear operation, or the USB charger is used. the current is
defined by constant_current[2:0].
Current limitation during tricklecharge, to avoid inrush current: Itrickle_Ilimit
Current limitation during Constant current charging to avoid inrush current: ICC_Ilimit
Undervoltage protection of Vsupply during trickle charge or constant current charge with linear charger. The
charging current is regulated down, if Vsupply drops below Vsupply_min
Ideal diode operation in Isolate Battery mode and disable charging mode, during charger is unplugged. This
operation is for the internal battery switch only. External battery switch is open in that mode. Regulation will start, if
the VSUPPLY voltage drops by more then VDiode below the VBAT voltage. After three milliseconds debounce time,
if no charger is recognized, the internal and external battery switch (if enabled) is closed to have a low
Ω ic
connection between VBAT and VSUPPLY.
Table 35. Battery switch parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
VSupply
Input voltage
3.0
5.5
V
PIN VSUP_SW1,VSUP_SW2
Itrickle_limit
Trickle current limit
400
mA
ICC_limit
Constant current
current limit
800
mA
Current Limit in constant current
mode (Linear charger mode or USB
charger only)
Note: applies only for the battery
switch alone









! " # " " !
$%$
$%$%
&' #
( ')
* $% $

+
,& $*
-&
*& $*
/012+
*& $*
/012+
3
42# ,'
42#
"
,
,'
!$
#
,5 )!
"
6
%
7
8
9,
3
6
45 )::
;<0=><0?>/0 >/0@
3
42#
"
!$
#
,5 )!
"

8 A
,5 )
,,,3
"
##45 )
:: ; "
$B,@
$B,
"
#
C
45
'
:
45
"
B8
D
45 8
4'
2
454#
"
"
8 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com