Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 12 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 12 Page - ams AG

Back Button AS3658 Datasheet HTML 8Page - ams AG AS3658 Datasheet HTML 9Page - ams AG AS3658 Datasheet HTML 10Page - ams AG AS3658 Datasheet HTML 11Page - ams AG AS3658 Datasheet HTML 12Page - ams AG AS3658 Datasheet HTML 13Page - ams AG AS3658 Datasheet HTML 14Page - ams AG AS3658 Datasheet HTML 15Page - ams AG AS3658 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
11 - 157
AS3658
Data Sheet Confidential - Pin Assignmen ts
Note: The following are the Pin Types
I: Digital Input Pin
IPD: Digital Input Pin with internal pull-down resistor
IPU: Digital Input Pin with internal pull-up resistor
IODPU: Digital Input / Open Drain Output Pin with internal pull-up resistor
O: Digital Output Pin
OD: Digital Open Drain Output Pin; requires external pull-up resistor
IO: Digital Input / Output Pin
A: Analog Pin
P: Power Pin
VDAC
F13
A
VDAC
2.9V Output voltage of one of DAC LDO; Connect a ceramic
capacitor of 1µF (±20%) or 2.2µF (+100%/-50%)
HP_CM
B12
A
AVDD
Bypass capacitor connection of common mode voltage of
Audio headphone amplifier (AVDD/2)
HP_CM_PWR
D14
A
AVDD
Buffered voltage of HP_CM
LINE_CM
A12
A
ALVDD
Bypass capacitor connection of common mode voltage of
Audio line out amplifier (ALVDD/2)
LOUT_L
B11
A
ALVDD
Line out output Left channel
LOUT_R
A11
A
ALVDD
Line out output Right channel
ALVDD
D13
P
Supply pad of Line out amplifier
AVDD
E13
P
Supply pad of headphone amplifier
HPL1
A13
A
AVDD
Headphone output1 left channel
HPR1
C13
A
AVDD
Headphone output1 right channel
HPL2
C14
A
AVDD
Headphone output2 left channel
HPR2
B14
A
AVDD
Headphone output2 right channel
MICN
G11
A
VDAC
Microphone Input N
MICP
H11
A
VDAC
Microphone Input P
MICS
F11
A
VSUPPLY Microphone Supply (2.95V) / Remote Input
VSS
BVSS
E11
P
AVDD
Power ground of headphone amplifier
VSSA
G9
VSS
Analog Ground Pad
VSSA
H9
VSS
Analog Ground Pad
VSSA
J8
VSS
Analog Ground Pad
NC/VSS_CP
A1
VSS
Analog Ground Pad
NC/VSSA
P1
VSS
Analog Ground Pad
NC/VSSA
P14
VSS
Analog Ground Pad
NC/BVSS
A14
VSS
Power ground of headphone amplifier
Table 2. Pin list CTBGA124, 8x8MM (AS3658)
Pin Name
Pin
Number
Pin
Type
Supply
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com