Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 99 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 99 Page - ams AG

Back Button AS3658 Datasheet HTML 95Page - ams AG AS3658 Datasheet HTML 96Page - ams AG AS3658 Datasheet HTML 97Page - ams AG AS3658 Datasheet HTML 98Page - ams AG AS3658 Datasheet HTML 99Page - ams AG AS3658 Datasheet HTML 100Page - ams AG AS3658 Datasheet HTML 101Page - ams AG AS3658 Datasheet HTML 102Page - ams AG AS3658 Datasheet HTML 103Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
98 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.6
Line Input
9.6.1 General
AS3658 includes one stereo single ended inputs.
Figure 44. LineIn Block Diagram
Table 101. Line Inputs Parameter
Parameter
Min
Typ
Max
Unit
Analog Performance
Rin
50
k
Ω
Table 102. LINE_IN_R Register
Addr:85
LINE_IN_R
These bits control the LINE_IN volume and functions
Bit
Bit Name
Default Access
Description
4:0
lir_vol
00000b
R/W
volume settings for right line input, adjustable in 32 steps
@ 1.5dB; gain from line input pin (LIN1R) to mixer input
00000
-34.5 dB gain
00001
-33 dB gain
.....
11110
10.5 dB gain
11111
12 dB gain
5
mute_off_inr
0
R/W
Control of MUTE switch
0
right line input is set to mute
1
normal operation
7:6
-
-
do not change




! "
!!#$ !
!#$ !
 %
&
'
 %
&
'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com