Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 146 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 146 Page - ams AG

Back Button AS3658 Datasheet HTML 142Page - ams AG AS3658 Datasheet HTML 143Page - ams AG AS3658 Datasheet HTML 144Page - ams AG AS3658 Datasheet HTML 145Page - ams AG AS3658 Datasheet HTML 146Page - ams AG AS3658 Datasheet HTML 147Page - ams AG AS3658 Datasheet HTML 148Page - ams AG AS3658 Datasheet HTML 149Page - ams AG AS3658 Datasheet HTML 150Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
145 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.10.2 Touchpen Registers
Table 178. Touchpen Register Map
Register
Definition
Addr Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Note: The cells marked in color are Read only
Table 179. Touchpannel Result Register Bits
Addr:108
Touchpad_XMSB result
X-MSB result register
Bit
Bit Name
Default
Access
Description
Table 180. Touchpannel Result Register Bits
Addr:109
Touchpad_YMSB result
Y-MSB result register
Bit
Bit Name
Default
Access
Description
Table 181. Touchpannel Result Register Bits
Addr:110
Touchpad_Pressure result
Pressure result register
Bit
Bit Name
Default
Access
Description
Table 182. Touchpannel Result Register Bits
Addr:111
Touchpad_XY - LSB result
X - MSB result register
Bit
Bit Name
Default
Access
Description
tpen_xmsb
108
NA
XD9
XD8
XD7
XD6
XD5
XD4
XD3
XD2
tpen_ymsb
109
NA
YD9
YD8
YD7
YD6
YD5
YD4
YD3
YD2
tpen_pressmsb
110
NA
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
tpen_xypresslsb
111
NA
PD1
PD0
0
YD1
YD0
0
XD1
XD0
tpen – control 1
112
00h
tpen_st_
pen
tpen_eo
c
tpen_avg
tpen_soc
tpen_convint
tpen_on
tpen – control 2
113
00h
tpen_so
cpd
tpen_wa
it
tpen_curr
press
tpen_pu
tpen – control 3
114
00h
tpen_timeo
ut _en
tpen_deb
ounce
tpen_sample
7:0
tpen_xmsb
00000000
R
X – MSB Data
7:0
tpen_ymsb
00000000
R
Y – MSB Data
7:0
tpen_pressmsb
00000000
R
Pressure - Data
1:0
tpen_xlsb
00
R
X – LSB Data
4:3
tpen_ylsb
00
R
Y – LSB Data
7:6
tpen_presslsb
00
R
Pressure – LSB Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com